Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 39Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 40Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 41Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 42Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 43Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 44Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 45Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 46Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 199 page
background image
Table 7-14. MMD Register Space Division
MMD Register Space
Register Address Range
MMD1F
0x000 - 0x0EFD
MMD1
0x1000 - 0x1904
MMD3
0x3000 - 0x390D
MMD7
0x7000 - 0x7200
Note
For MMD1/3/7, most significant nibble of the register address is used to denote the respective
MMD space. This should be ignored during actual register access operation. For example to
access register 0x1904 use 0x0904 as the register address and x01 as the MMD.
All accesses through register REGCR and ADDAR must use the correct DEVAD. Transactions with other
DEVADs are ignored. REGCR[15:14] holds the access function: address (00), data with no post increment (01),
data with post increment on read and writes (10) and data with post increment on writes only (11).
• ADDAR is the address and data MMD register. ADDAR is used in conjunction with REGCR to provide the
access to the extended register set. If register REGCR[15:14] is (00), then ADDAR holds the address of the
extended address space register. Otherwise, ADDAR holds the data as indicated by the contents of its
address register. When REGCR[15:14] is set to (00), accesses to register ADDAR modify the extended
register set address register. This address register must always be initialized in order to access any of the
registers within the extended register set.
• When REGCR[15:14] is set to (01), accesses to register ADDAR access the register within the extended
register set selected by the value in the address register.
• When REGCR[15:14] is set to (10), access to register ADDAR access the register within the extended
register set selected by the value in the address register. After that access is complete, for both reads and
writes, the value in the address register is incremented.
• When REGCR[15:14] is set to (11), access to register ADDAR access the register within the extended
register set selected by the value in the address register. After that access is complete, for write access only,
the value in the address register is incremented. For read accesses, the value of the address register
remains unchanged.
The following sections describe how to perform operations on the extended register set using register REGCR
and ADDAR.
7.4.12 Write Address Operation
To set the address register:
1. Write the value 0x001F (address function field = 00, DEVAD = '11111') to register REGCR.
2. Write the register address to register ADDAR.
Subsequent writes to register ADDAR (step 2) continue to write the address register.
7.4.12.1 Example - Write Address Operation
For writing register addresses within MMD1 field:
1. Write the value 0x0001 (address function field = 00, DEVAD = '00001') to register REGCR.
2. Write the register address to register ADDAR.
7.4.13 Read Address Operation
To read the address register:
1. Write the value 0x001F (address function field = 00, DEVAD = '11111') to register REGCR.
2. Read the register address from register ADDAR.
Subsequent reads to register ADDAR (step 2) continue to read the address register.
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com