Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 10Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 11Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 12Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 13Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 14Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 15Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 16Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 17Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 199 page
background image
(1)
PARAMETER
TEST
CONDITIONS
MIN
NOM
MAX
UNIT
SSD symbol on MDI to Rising edge of RGMII RX_CLK with
assertion of RX_CTRL (RS-FEC bypass mode)
400
ns
SSD symbol on MDI to first symbol of SGMII
9
µs
SSD symbol on MDI to first symbol of SGMII (RS-FEC bypass
mode)
450
ns
TRANSMIT LATENCY TIMING
RGMII Rising edge TX_CLK with assertion TX_CTRL to SSD
symbol on MDI
8
µs
RGMII Rising edge TX_CLK with assertion TX_CTRL to SSD
symbol on MDI (RS-FEC bypass mode)
600
ns
First symbol of SGMII to SSD symbol on MDI
9
µs
First symbol of SGMII to SSD symbol on MDI (RS-FEC bypass
mode)
700
ns
25 MHz OSCILLATOR REQUIREMENTS
Frequency (XI)
25
MHz
Frequency Tolerance and Stability Over temperature and aging
–100
100
ppm
Rise / Fall Time (10% - 90%)
8
ns
Jitter (RMS)
3.6
ps
Duty Cycle
50
%
RGMII TIMING
TsetupR
TX_D[3:0], TX_CTRL Setup to TX_CLK
on PHY pins
1
2
ns
TholdR
TX_D[3:0], TX_CTRL Hold from TX_CLK (5)
on PHY pins
1
2
ns
TskewT
RX_D[3:0], RX_CTRL Delay from RX_CLK (Align Mode
Enabled)
On PHY Pins
-500
0
500
ps
TskewT
(Shift)
RX_D[3:0], RX_CTRL Delay from RX_CLK (Shift Mode
Enabled, default)(4)
On PHY Pins
2.240
2.650
2.970
ns
Tcyc
Clock Cycle Duration
RX_CLK
7.2
8
8.8
ns
Tcyc
Clock Cycle Duration
TX_CLK
7.2
8
8.8
ns
Duty_G
Duty Cycle
RX_CLK
45
50
55
%
Duty_G
Duty Cycle
TX_CLK
45
50
55
%
Tr
Rise Time (20% - 80%)
CL=Ctrace=5pF
0.75
ns
Tf
Fall Time (20% - 80%)
CL=Ctrace = 5pF
0.75
ns
RGMII
Shift
Mode
Delays
DLL DLL_RX_DELAY_CTRL_SL=0(4)
0.330
0.650
0.970
ns
DLL DLL_RX_DELAY_CTRL_SL=1(4)
0.580
0.900
1.220
ns
DLL DLL_RX_DELAY_CTRL_SL=2(4)
0.830
1.150
1470
ns
DLL DLL_RX_DELAY_CTRL_SL=3(4)
1.080
1.400
1.720
ns
DLL DLL_RX_DELAY_CTRL_SL=4(4)
1.240
1.650
1.970
ns
DLL DLL_RX_DELAY_CTRL_SL=5(4)
1.490
1.990
2.220
ns
DLL DLL_RX_DELAY_CTRL_SL=6(4)
1.740
2.150
2.470
ns
DLL DLL_RX_DELAY_CTRL_SL=7(4)
1.990
2.400
2.730
ns
DLL DLL_RX_DELAY_CTRL_SL=8(4)
2.240
2.650
2.970
ns
DLL DLL_RX_DELAY_CTRL_SL=9(4)
2.490
2.900
3.220
ns
SGMII TRANSMITTER AC TIMING
Clock signal duty cycle at 625 MHz
48
52
%
Trise
Vod Rise Time
100
200
ps
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com