Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 7Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 8Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 9Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 10Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 11Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 12Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 13Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 14Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 199 page
background image
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOZ
Tri-state Output Current (2)
VOUT = VCC, VOUNT = GND, -40°C to
125°C
-60
60
µA
CIN
Input Capacitance
LVCMOS/LVTTL pins (3)
2
pF
CIN
Input Capacitance
LVCMOS/LVTTL pins (4)
4
pF
XI
1
pF
COUT
Output Capacitance
LVCMOS/LVTTL pins (3)
2
pF
COUT
Output Capacitance
LVCMOS/LVTTL pins (4)
4
pF
XO
1
pF
Rpull-up
Integrated Pull-Up Resistance
INT, RESET
6.5
9
12.5
kΩ
Rpull-down Integrated Pull-Down Resistance
STRP_1, RX_CTRL
6.3
kΩ
Rpull-down Integrated Pull-Down Resistance
LED_1, RX_D[3:0], RX_CLK, LED_0
6.75
9
14.5
kΩ
WAKE
37.5
50
62.5
kΩ
Rpull-down
Integrated Pull-Up Resistance when
Active
INH
kΩ
Rseries
Integrated MAC Series Termination
Resistor ( Default)
RX_D[3:0], RX_CTRL, and RX_CLK
42
Ω
CURRENT CONSUMPTION, SLEEP MODE
ISLEEP
Sleep Supply Current
VSLEEP
485
µA
CURRENT CONSUMPTION, RESET ASSERTED
IDDIO
IO Supply Current, VDDIO = 1.8V
VDDIO
1
mA
IDDIO
IO Supply Current, VDDIO = 2.5V
VDDIO
3
mA
IDDIO
IO Supply Current, VDDIO = 3.3V
VDDIO
4
mA
IDDA3P3
Core Supply Current, 3.3V
VDDA3P3
5
mA
IDD1P0
Core Supply Current, 1.0V
50
mA
CURRENT CONSUMPTION, ACTIVE MODE, Voltage: +/- 10%, Traffic : 100%,Packet Size: 1518, Content : Random
IDDIO
IO Supply Current, VDDIO = 1.8V
RGMII
20
25
mA
IDDIO
IO Supply Current, VDDIO = 2.5V
RGMII
26
30
mA
IDDIO
IO Supply Current, VDDIO = 3.3V
RGMII
33
40
mA
IDDIO
IO Supply Current, VDDIO = 1.8V
SGMII
1.5
2.5
mA
IDDIO
IO Supply Current, VDDIO = 2.5V
SGMII
3.5
5
mA
IDDIO
IO Supply Current, VDDIO = 3.3V
SGMII
5.5
7
mA
IDDA3P3
Core Supply Current, 3.3V
RGMII
81
85
mA
IDD1P0
Core Supply Current, 1.0V
RGMII
160
225
mA
IDDA3P3
Core Supply Current, 3.3V
SGMII
95
100
mA
IDD1P0
Core Supply Current, 1.0V
SGMII
200
260
mA
MDI CHARACTERISTICS
VOD-MDI
Output Differential Voltage
RL(diff) = 100 Ω
1.3
V
RMDI-DIFF
Integrated Differential MDI Termination
(Active State)
TRD_P, TRD_N
100
Ω
RMDI-DIFF
Integrated Differential MDI Termination
(Sleep State)
TRD_P, TRD_N
100
Ω
SGMII DRIVER DC SPECIFICATIONS
VOD-SGMII Output Differential Voltage
RL(diff) = 100 Ω
150
400
mV
ROUT-DIFF Integrated Differential Output Termination RX_P, RX_M
100
Ω
SGMII RECEIVER DC SPECIFICATIONS
VIDTH
Input Differential Threshold
100
mV
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com