Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 59Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 60Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 61Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 62Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 63Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 64Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 65Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 66Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 199 page
background image
7.6.2.7 MII_REG_11 Register (Address = 0x11) [reset = 0xB]
MII_REG_11 is shown in Table 7-30.
Return to the Summary Table.
Table 7-30. MII_REG_11 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
dis_clk_125
R/W
1b0
Disable MAC clock
1b0 = keep clk_125 to MAC
1b1 = stop clk_125 to MAC on IEEE power save mode
14
power_save_mode_en
R/W
1b0
Enable power save mode config from reg
13-12
power_save_mode
R/W
2b00
Power mode
2b00 = Normal mode
2b01 = Reserved
2b10 = Active sleep
2b11 = Passive sleep
11
sgmii_soft_reset
R/WSC
1b0
Reset SGMII
10
use_phyad0_as_isolate
R/W
1b0
Use PHY ADDRESS 5'b0 as isolate
9
channel_debug_mode
R/W
1b0
Enable channel debug mode
8
debug_mode
R/W
1b0
Enable debug mode
7
RESERVED
R
1b0
Reserved
6
cfg_soft_reset_non_clear
R/W
1b0
To make 0x1F = 4000 (digital reset) non self clearing
1b11111 = 4000 is self clearing
5-4
cfg_reset_time_sel
R/W
2b00
To configure duration of soft reset 00b = 120ns (duration calculated
post pll lock) 01b = 32us 10b = 256us 11b = 1024us
2b00 = 120ns
2b01 = 32us
2b10 = 256us
2b11 = 1024us
3
int_polarity
R/W
1b1
Interrupts polarity
1b0 = Active high
1b1 = Active low
2
force_interrupt
R/W
1b0
Force interrupt pin
1b0 = Do not force interrupt pin
1b1 = Force interrupt pin
1
int_en
R/W
1b1
Enable interrupts
1b0 = Disable interrupts
1b1 = Enable interrupts
0
int_oe
R/W
1b1
Interrupt/Power down pin configuration
1b0 = PIN is a power down PIN (input)
1b1 = PIN is an interrupt pin (output)
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com