Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 113 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 109Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 110Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 111Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 112Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 113Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 114Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 115Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 116Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 199 page
background image
7.6.2.57 RGMII_DELAY_CTRL Register (Address = 0x602) [reset = 0x0]
RGMII_DELAY_CTRL is shown in Table 7-80.
Return to the Summary Table.
Table 7-80. RGMII_DELAY_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-2
RESERVED
R
14b0000000
0000000
Reserved
1
rx_clk_sel
R/W
1b0
In RGMII mode, Enable or disable the internal delay for RXD wrt
RX_CLK (use this mode when RGMII_RX_CLK and RGMII_RXD are
aligned). The delay magnitude can be configured by programming
register 0x430[7:4]
1b0 = clock and data are aligned
1b1 = clock on PIN is delayed by 90 degrees relative to RGMII_RX
data
0
tx_clk_sel
R/W
1b0
In RGMII mode, Enable or disable the internal delay for TXD wrt
TX_CLK (use this mode when RGMII_TX_CLK and RGMII_TXD are
aligned). The delay magnitude can be configured by programming
register 0x430[11:8]
1b0 = clock and data are aligned
1b1 = clock is internally delayed by 90 degrees
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com