Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 42Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 43Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 44Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 45Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 46Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 47Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 48Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 49Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 46 of 246
Jun 20, 2019
L4
P25
CS5#/
EDACK1
MTIOC4C/
MTCLKB/
TIOCA4/PO5
RXD3/SMISO3/
SSCL3
SDHI_CD/HSYNC
ADTRG0
#
L12
PB6
A14
MTIOC3D/
TIOCA5/PO30
ET0_ETXD1/
RMII0_TXD1/
RXD9/SMISO9/
SSCL9/
SMISO11/
SSCL11/RXD11
SDSI_D0-B
L13
PB3
A11
MTIOC0A/
MTIOC4A/
TIOCD3/
TCLKD/TMO0/
PO27/POE11#
ET0_RX_ER/
RMII0_RX_ER/
SCK4/SCK6
SDSI_D3-B
LCD_TC
ON1-B
L14
PB1
A9
MTIOC0C/
MTIOC4C/
TIOCB3/
TMCI0/PO25
ET0_ERXD0/
RMII0_RXD0/
TXD4/SMOSI4/
SSDA4/TXD6/
SMOSI6/SSDA6
LCD_TC
ON3-B
IRQ4-DS
L15
P72
A19/CS2#
ET0_MDC
LCD_DA
TA23-A
M1
P27
CS7#
MTIOC2B/
TMCI3/PO7
SCK1/RSPCKB-
A
M2
P26
CS6#
MTIOC2A/
TMO1/PO6
TXD1/SMOSI1/
SSDA1/CTS3#/
RTS3#/SS3#/
MOSIB-A
M3
P24
CS4#/
EDREQ1
MTIOC4A/
MTCLKA/
TIOCB4/
TMRI1/PO4
SCK3/
USB0_VBUSEN
SDHI_WP/PIXCLK
M4
P86
MTIOC4D/
TIOCA0
SMISO10/
SSCL10/RXD10
PIXD1
M5
PJ2
TXD8/SMOSI8/
SSDA8/SSLC3-B
LCD_TC
ON2-A
M6
PJ1
MTIOC6A
RXD8/SMISO8/
SSCL8/SSLC2-B
LCD_TC
ON3-A
M7
P85
MTIOC6C/
TIOCC0
LCD_DA
TA1-A
M8
P55
D0[A0/D0]/
EDREQ0/
WAIT#
MTIOC4D/
TMO3
ET0_EXOUT/
TXD7/SMOSI7/
SSDA7/MISOC-
B/CRX1
LCD_DA
TA5-A
IRQ10
M9
P50
WR0#/WR#
TXD2/SMOSI2/
SSDA2/SSLB1-A
M10
PC5
D3[A3/D3]/
A21/CS2#/
WAIT#
MTIOC3B/
MTCLKD/
TMRI2/PO29
ET0_ETXD2/
SCK8/SCK10/
RSPCKA-A
MMC_D5-A
LCD_DA
TA11-A
M11
P81
EDACK0
MTIOC3D/
PO27
ET0_ETXD0/
RMII0_TXD0/
SMISO10/
SSCL10/RXD10
QIO3-A/SDHI_CD/
MMC_D3-A
LCD_DA
TA13-A
M12
P77
CS7#
PO23
ET0_RX_ER/
RMII0_RX_ER/
SMOSI11/
SSDA11/TXD11
QSPCLK-A/
SDHI_CLK-A/
SDSI_CLK-A/
MMC_CLK-A
LCD_DA
TA17-A
M13
PB7
A15
MTIOC3B/
TIOCB5/PO31
ET0_CRS/
RMII0_CRS_DV/
TXD9/SMOSI9/
SSDA9/
SMOSI11/
SSDA11/TXD11
SDSI_D1-B
Table 1.5
List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (5/8)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
177-Pin
TFLGA
176-Pin
LFBGA
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com