Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 81Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 82Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 83Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 84Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 85Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 86Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 87Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 88Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 85 of 246
Jun 20, 2019
33
PC1
MTIOC3A/TCLKD
SSLA2-A
IRQ12
34
PC0
MTIOC3C/TCLKC
SSLA1-A
IRQ14
35
PB7
MTIOC3B/TIOCB5
TXD9/SSDA9/
SSDA11/TXD11
36
PB6
MTIOC3D/TIOCA5
RXD9/SSCL9/
SSCL11/RXD11
37
PB5
MTIOC2A/MTIOC1B/
TIOCB4/TMRI1/
POE4#
SCK9/SCK11
38
VCC
39
VSS
40
PA7
TIOCB2
41
PA6
MTIC5V/MTCLKB/
TIOCA2/TMCI3/
POE10#
CTS5#/RTS5#/SS5#
42
PA4
MTIC5U/MTCLKA/
TIOCA1/TMRI0
TXD5/SMOSI5/
SSDA5
IRQ5-DS
43
PA2
MTIOC7A
RXD5/SMISO5/
SSCL5
44
PA1
MTIOC0B/MTCLKC/
MTIOC7B/TIOCB0
SCK5
IRQ11
45
PE7
MTIOC6A/TOC1
SDHI_WP
IRQ7
46
PE6
MTIOC6C/TIC1
SDHI_CD
IRQ6
47
PE2
MTIOC4A/TIC3
RXD12/SSCL12/
RXDX12
IRQ7-DS
48
PE1
MTIOC4C/MTIOC3B
TXD12/SSDA12/
TXDX12/SIOX12
ANEX1
49
PE0
MTIOC3D
SCK12
ANEX0
50
PD7
MTIC5U/POE0#
QMI-B/QIO1-B/
SDHI_D1-B
IRQ7
AN107
51
PD6
MTIC5V/MTIOC8A/
POE4#
QMO-B/QIO0-B/
SDHI_D0-B
IRQ6
AN106
52
PD5
MTIC5W/MTIOC8C/
POE10#
QSPCLK-B/
SDHI_CLK-B
IRQ5
AN113
53
PD4
MTIOC8B/POE11#
QSSL-B/SDHI_CMD-
B
IRQ4
AN112
54
PD3
MTIOC8D/TOC2/
POE8#
QIO3-B/SDHI_D3-B
IRQ3
AN111
55
PD2
MTIOC4D/TIC2
QIO2-B/SDHI_D2-B
IRQ2
AN110
56
P43
IRQ11-DS
AN003
57
P42
IRQ10-DS
AN002
58
P41
IRQ9-DS
AN001
59
VREFL0
60
P40
IRQ8-DS
AN000
61
VREFH0
62
AVCC0
63
AVSS0
64
P05
IRQ13
DA1
Table 1.12
List of Pin and Pin Functions (64-Pin LFQFP) (2/2)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Timer
Communication
Memory Interface
Interrupt
A/D
D/A
64-Pin
LFQFP
(MTU, TPU, TMR,
RTC, CMTW, POE,
CAC)
(SCI, RSPI, RIIC,
USB)
(QSPI, SDHI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com