Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 60Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 61Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 62Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 63Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 64Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 65Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 66Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 67Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 64 of 246
Jun 20, 2019
Note 1. These pins are only enabled for products with 2 or 1.5 Mbytes of code flash memory.
Note 2. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled.
N7
TRDATA3
P55
D0[A0/D0]*1/
WAIT#/
EDREQ0
MTIOC4D/
TMO3
ET0_EXOUT/
TXD7*1/
SMOSI7*1/
SSDA7*1/CRX1
IRQ10
N8
VSS
N9
UB
PC7
A23/CS0#
MTIOC3A/
MTCLKB/
TMO2/PO31/
TOC0/
CACREF
ET0_COL/TXD8/
SMOSI8/SSDA8/
SMOSI10/
SSDA10/TXD10/
MISOA-A
MMC_D7-A
IRQ14
N10
TRSYNC
P82
EDREQ1
MTIOC4A/
PO28
ET0_ETXD1/
RMII0_TXD1/
SMOSI10/
SSDA10/TXD10
MMC_D4-A
N11
PC3
A19
MTIOC4D/
TCLKB/PO24
ET0_TX_ER/
TXD5/SMOSI5/
SSDA5
QMO-A/QIO0-A/
SDHI_D0-A/
SDSI_D0-A/
MMC_D0-A
N12
TRSYNC1
P75
CS5#
PO20
ET0_ERXD0/
RMII0_RXD0/
SCK11/RTS11#
SDHI_D2-A/
SDSI_D2-A/
MMC_RES#-A
N13
TRDATA5
P74
A20/CS4#
PO19
ET0_ERXD1/
RMII0_RXD1/
SS11#/CTS11#
Table 1.7
List of Pin and Pin Functions (145-Pin TFLGA) (7/7)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
145-Pin
TFLGA
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com