Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 24Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 25Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 26Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 27Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 28Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 29Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 30Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 31Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 28 of 246
Jun 20, 2019
Serial communications
interface (SCIh)
 Asynchronous mode/clock synchronous mode
SCK12
I/O
Input/output pin for the clock
RXD12
Input
Input pin for received data
TXD12
Output
Output pin for transmitted data
CTS12#
Input
Input pin for controlling the start of transmission and reception
RTS12#
Output
Output pin for controlling the start of transmission and reception
 Simple I2C mode
SSCL12
I/O
Input/output pin for the I2C clock
SSDA12
I/O
Input/output pin for the I2C data
 Simple SPI mode
SCK12
I/O
Input/output pin for the clock
SMISO12
I/O
Input/output pin for slave transmission of data
SMOSI12
I/O
Input/output pin for master transmission of data
SS12#
Input
Chip-select input pin
 Extended serial mode
RXDX12
Input
Input pin for received data
TXDX12
Output
Output pin for transmitted data
SIOX12
I/O
Input/output pin for received or transmitted data
Serial communications
interface (SCIi)
 Asynchronous mode/clock synchronous mode
SCK10 and SCK11
I/O
Input/output pin for the clock
RXD10 and RXD11
Input
Input pin for received data
TXD10 and TXD11
Output
Output pin for transmitted data
CTS10# and CTS11#
Input
Input pin for controlling the start of transmission and reception
RTS10# and RTS11#
Output
Output pin for controlling the start of transmission and reception
 Simple I2C mode
SSCL10 and SSCL11
I/O
Input/output pin for the I2C clock
SSDA10 and SSDA11
I/O
Input/output pin for the I2C data
 Simple SPI mode
SCK10 and SCK11
I/O
Input/output pin for the clock
SMISO10 and SMISO11
I/O
Input/output pin for slave transmission of data
SMOSI10 and SMOSI11
I/O
Input/output pin for master transmission of data
SS10# and SS11#
Input
Chip-select input pin
I2C bus interface
SCL0[FM+], SCL1, SCL2,
SCL2-DS
I/O
Input/output pins for clocks. Bus can be directly driven by
the N-channel open drain
SDA0[FM+], SDA1, SDA2,
SDA2-DS
I/O
Input/output pins for data. Bus can be directly driven by
the N-channel open drain
Table 1.4
Pin Functions (4/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com