Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 7Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 8Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 9Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 10Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 11Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 12Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 13Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 14Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 11 of 246
Jun 20, 2019
Note 1. Magic PacketTM is a registered trademark of Advanced Micro Devices, Inc.
Note 2. The product part number differs according to whether or not the MCU includes the encryption function.
Note 3. The product part number differs according to whether or not the MCU includes an SDHI (SD host interface)/SDSI (SD slave
interface) (products with 1 Mbyte of code flash memory or less).
Note 4. When the realtime clock is not used, initialize the registers in the time clock according to description in section 31.6.7,
Initialization Procedure When the Realtime Clock is Not to be Used in the User’s Manual: Hardware.
Note 5. Please contact us if you are using a G-version product.
Safety
Clock frequency
accuracy measurement
circuit (CAC)
 Monitors the clock output from the main clock oscillator, sub-clock oscillator, low- and
high-speed on-chip oscillators, IWDT-dedicated on-chip oscillator, and PCLKB, and
generates interrupts when the setting range is exceeded.
Data operation circuit
(DOC)
 The function to compare, add, or subtract 16-bit data
Encryption
function
AESa*2
 Key lengths: 128, 192, and 256 bits
 Support for CFB, OFB, and CMAC operating modes
 Speed of calculations:
128-bit key length in 22 cycles
192-bit key length in 26 cycles
256-bit key length in 30 cycles
 Compliant with FIPS PUB 197
True random number
generator (RNG)*2
 Length of random numbers: 16 bits
 Generation of random-number-generated interrupts after a number is generated
 Random number generation time: 1.9 ms (typ)
Trusted Secure IP
(TSIP)*2
 Security algorithm
Common key encryption: AES (compliant with NIST FIPS PUB 197), 3DES, ARC4
Non-common key encryption: RSA
 Other features
TRNG (true-random number generator)
Hash value generation: SHA1, SHA224, SHA256, GHASH
Prevention from illicit copying of a key
Operating frequency
Up to 120 MHz
Power supply voltage
VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7
 VREFH0  AVCC0,
VBATT = 2.0 to 3.6 V
Operating temperature
D-version: –40 to +85°C
G-version: –40 to +105°C*5
Package
177-pin TFLGA (PTLG0177KA-A)
176-pin LFBGA (PLBG0176GA-A)
176-pin LFQFP (PLQP0176KB-A)
145-pin TFLGA (PTLG0145KA-A)
144-pin LFQFP (PLQP0144KA-B)
100-pin TFLGA (PTLG0100JA-A)
100-pin LFQFP (PLQP0100KB-B)
64-pin TFBGA (PTBG0064KB-A)
64-pin LFQFP (PLQP0064KB-C)
Debugging interface
JTAG and FINE interfaces
Table 1.1
Outline of Specifications (10/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com