Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 91Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 92Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 93Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 94Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 95Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 96Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 97Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 98Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 246 page
background image
R01DS0276EJ0230 Rev.2.30
Page 95 of 246
Jun 20, 2019
RX65N Group, RX651 Group
4. I/O Registers
0008 0040h
SYSTE
M
Oscillation Stop Detection Control Register
OSTDCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 0041h
SYSTE
M
Oscillation Stop Detection Status Register
OSTDSR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 00A0h
SYSTE
M
Operating Power Control Register
OPCCR
8
8
3 ICLK
Low
Power
Consumpt
ion
0008 00A1h
SYSTE
M
Sleep Mode Return Clock Source Switching Register RSTCKCR
8
8
3 ICLK
Low
Power
Consumpt
ion
0008 00A2h
SYSTE
M
Main Clock Oscillator Wait Control Register
MOSCWTCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 00A3h
SYSTE
M
Sub-Clock Oscillator Wait Control Register
SOSCWTCR
8
8
3 ICLK
Clock
Generatio
n Circuit
0008 00C0h
SYSTE
M
Reset Status Register 2
RSTSR2
8
8
3 ICLK
Resets
0008 00C2h
SYSTE
M
Software Reset Register
SWRR
16
16
3 ICLK
Resets
0008 00E0h
SYSTE
M
Voltage Monitoring 1 Circuit Control Register 1
LVD1CR1
8
8
3 ICLK
LVDA
0008 00E1h
SYSTE
M
Voltage Monitoring 1 Circuit Status Register
LVD1SR
8
8
3 ICLK
LVDA
0008 00E2h
SYSTE
M
Voltage Monitoring 2 Circuit Control Register 1
LVD2CR1
8
8
3 ICLK
LVDA
0008 00E3h
SYSTE
M
Voltage Monitoring 2 Circuit Status Register
LVD2SR
8
8
3 ICLK
LVDA
0008 03FEh
SYSTE
M
Protect Register
PRCR
16
16
3 ICLK
Register
Write
Protection
Function
0008 1000h
FLASH
ROM Cache Enable Register
ROMCE
16
16
2 ICLK
Flash
0008 1004h
FLASH
ROM Cache Invalidate Register
ROMCIV
16
16
2 ICLK
Flash
0008 101Ch
SYSTE
M
ROM Wait Cycle Setting Register
ROMWT
8
8
2 ICLK
Clock
Generatio
n Circuit
0008 1200h
RAM
RAM Operating Mode Control Register
RAMMODE
8
8
2 ICLK
RAM
0008 1201h
RAM
RAM Error Status Register
RAMSTS
8
8
2 ICLK
RAM
0008 1204h
RAM
RAM Protection Register
RAMPRCR
8
8
2 ICLK
RAM
0008 1208h
RAM
RAM Error Address Capture Register
RAMECAD
32
32
2 ICLK
RAM
0008 1240h
RAM
Expansion RAM Operating Mode Control Register
EXRAMMOD
E
8
8
2 ICLK
RAM
0008 1241h
RAM
Expansion RAM Error Status Register
EXRAMSTS
8
8
2 ICLK
RAM
0008 1244h
RAM
Expansion RAM Protection Register
EXRAMPRCR
8
8
2 ICLK
RAM
0008 1248h
RAM
Expansion RAM Error Address Capture Register
EXRAMECAD
32
32
2 ICLK
RAM
0008 1300h
BSC
Bus Error Status Clear Register
BERCLR
8
8
2 ICLK
Buses
0008 1304h
BSC
Bus Error Monitoring Enable Register
BEREN
8
8
2 ICLK
Buses
0008 1308h
BSC
Bus Error Status Register 1
BERSR1
8
8
2 ICLK
Buses
0008 130Ah
BSC
Bus Error Status Register 2
BERSR2
16
16
2 ICLK
Buses
0008 1310h
BSC
Bus Priority Control Register
BUSPRI
16
16
2 ICLK
Buses
0008 2000h
DMAC0 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
0008 2004h
DMAC0 DMA Destination Address Register
DMDAR
32
32
2 ICLK
DMACAa
0008 2008h
DMAC0 DMA Transfer Count Register
DMCRA
32
32
2 ICLK
DMACAa
0008 200Ch
DMAC0 DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
DMACAa
0008 2010h
DMAC0 DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
DMACAa
0008 2013h
DMAC0 DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
DMACAa
Table 4.1
List of I/O Registers (Address Order) (2 / 60)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK
ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com