Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFM Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R5F5651CDDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFM Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R5F5651CDDFM Datasheet HTML 97Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 98Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 99Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 100Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 101Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 102Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 103Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 104Page - Renesas Technology Corp R5F5651CDDFM Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 246 page
background image
R01DS0276EJ0230 Rev.2.30
Page 101 of 246
Jun 20, 2019
RX65N Group, RX651 Group
4. I/O Registers
0008 7410h
ICU
DMAC Trigger Select Register 4
DMRSR4
8
8
2 ICLK
ICUB
0008 7414h
ICU
DMAC Trigger Select Register 5
DMRSR5
8
8
2 ICLK
ICUB
0008 7418h
ICU
DMAC Trigger Select Register 6
DMRSR6
8
8
2 ICLK
ICUB
0008 741Ch
ICU
DMAC Trigger Select Register 7
DMRSR7
8
8
2 ICLK
ICUB
0008 7500h to
0008 750Fh
ICU
IRQ Control Register 0 to IRQ Control Register 15
IRQCR0 to
IRQCR15
8
8
2 ICLK
ICUB
0008 7520h
ICU
IRQ Pin Digital Filter Enable Register 0
IRQFLTE0
8
8
2 ICLK
ICUB
0008 7521h
ICU
IRQ Pin Digital Filter Enable Register 1
IRQFLTE1
8
8
2 ICLK
ICUB
0008 7528h
ICU
IRQ Pin Digital Filter Setting Register 0
IRQFLTC0
16
16
2 ICLK
ICUB
0008 752Ah
ICU
IRQ Pin Digital Filter Setting Register 1
IRQFLTC1
16
16
2 ICLK
ICUB
0008 7580h
ICU
Non-Maskable Interrupt Status Register
NMISR
8
8
2 ICLK
ICUB
0008 7581h
ICU
Non-Maskable Interrupt Enable Register
NMIER
8
8
2 ICLK
ICUB
0008 7582h
ICU
Non-Maskable Interrupt Status Clear Register
NMICLR
8
8
2 ICLK
ICUB
0008 7583h
ICU
NMI Pin Interrupt Control Register
NMICR
8
8
2 ICLK
ICUB
0008 7590h
ICU
NMI Pin Digital Filter Enable Register
NMIFLTE
8
8
2 ICLK
ICUB
0008 7594h
ICU
NMI Pin Digital Filter Setting Register
NMIFLTC
8
8
2 ICLK
ICUB
0008 7600h
ICU
Group BE0 Interrupt Request Register
GRPBE0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7630h
ICU
Group BL0 Interrupt Request Register
GRPBL0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7634h
ICU
Group BL1 Interrupt Request Register
GRPBL1
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7638h
ICU
Group BL2 Interrupt Request Register
GRPBL2
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7640h
ICU
Group BE0 Interrupt Request Enable Register
GENBE0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7670h
ICU
Group BL0 Interrupt Request Enable Register
GENBL0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7674h
ICU
Group BL1 Interrupt Request Enable Register
GENBL1
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7678h
ICU
Group BL2 Interrupt Request Enable Register
GENBL2
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7680h
ICU
Group BE0 Interrupt Clear Register
GCRBE0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7700h
ICU
Software Configurable Interrupt B Request Register 0 PIBR0
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7701h
ICU
Software Configurable Interrupt B Request Register 1 PIBR1
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7702h
ICU
Software Configurable Interrupt B Request Register 2 PIBR2
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7703h
ICU
Software Configurable Interrupt B Request Register 3 PIBR3
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7704h
ICU
Software Configurable Interrupt B Request Register 4 PIBR4
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7705h
ICU
Software Configurable Interrupt B Request Register 5 PIBR5
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7706h
ICU
Software Configurable Interrupt B Request Register 6 PIBR6
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7707h
ICU
Software Configurable Interrupt B Request Register 7 PIBR7
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7708h
ICU
Software Configurable Interrupt B Request Register 8 PIBR8
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7709h
ICU
Software Configurable Interrupt B Request Register 9 PIBR9
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 770Ah
ICU
Software Configurable Interrupt B Request Register A PIBRA
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 770Bh
ICU
Software Configurable Interrupt B Request Register B PIBRB
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7780h
ICU
Software Configurable Interrupt B Source Select
Register X128
SLIBXR128
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7781h
ICU
Software Configurable Interrupt B Source Select
Register X129
SLIBXR129
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
0008 7782h
ICU
Software Configurable Interrupt B Source Select
Register X130
SLIBXR130
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUB
Table 4.1
List of I/O Registers (Address Order) (8 / 60)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK
ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com