Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 121Page - Renesas Technology Corp H8/3002 Datasheet HTML 122Page - Renesas Technology Corp H8/3002 Datasheet HTML 123Page - Renesas Technology Corp H8/3002 Datasheet HTML 124Page - Renesas Technology Corp H8/3002 Datasheet HTML 125Page - Renesas Technology Corp H8/3002 Datasheet HTML 126Page - Renesas Technology Corp H8/3002 Datasheet HTML 127Page - Renesas Technology Corp H8/3002 Datasheet HTML 128Page - Renesas Technology Corp H8/3002 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 700 page
background image
6.2.5 Bus Release Control Register (BRCR)
BRCR is an 8-bit readable/writable register that enables address output on bus lines A23 to A21
and enables or disables release of the bus to an external device.
BRCR is initialized to H'FE by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Address 23 Enable (A23E): Enables PA4 to be used as the A23 address output pin.
Writing 0 in this bit enables A23 address output from PA4. In modes other than 3 and 4 this bit
cannot be modified and PA4 has its ordinary input/output functions.
Bit 7
A23E
Description
0PA4 is the A23 address output pin
1PA4 is the PA4/TP4/TIOCA1 input/output pin
(Initial value)
Bit
Initial value
7
A23E
1
—
R/W
6
A22E
1
—
R/W
5
A21E
1
—
R/W
4
—
1
—
—
3
—
1
—
—
0
BRLE
0
R/W
R/W
2
—
1
—
—
1
—
1
—
—
Bus release enable
Enables or disables
release of the bus
to an external device
Address 23 to 21 enable
Reserved bits
These bits enable PA to
PA to be used for A
to
A
address output
6
423
21
Modes 1, 2
Modes 3, 4
Read/
Write
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com