Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLD2132-1EP Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 32Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 33Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 34Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 35Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 36Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 37Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 38Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 39Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Datasheet
36
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Load diagnosis
Fault detection current
IOUT(fault)
50
–
180
µA
VS > 8 V
VOUT = 0 V
VEN > VDEN(th,max)
P_7.5.7
D-pin
Threshold voltage for
function de-activation
VD(th)
1.4
1.7
2
V
VS > 8 V
VEN= 5.5 V
P_7.5.8
Threshold hysteresis
VD(hys)
–
100
–
mV
1)VS > 8 V
VEN = 5.5 V
VOUT = VOUT(OL)
P_7.5.9
Fault pull-up current
ID(fault)
20
35
50
µA
VS > 8 V
VOUT = VOUT(OL)
VD = 2 V
P_7.5.10
Pull-down current
ID(PD)
40
60
95
µA
VS > 8 V
VEN = 5.5 V
VD = 1.4 V
VERRN = 2 V
VPS = 3 V
No fault conditions
P_7.5.11
Internal clamp voltage
VD(CL)
4–
6
V
VS > 8 V
VOUT = VOUT(OL)
D-pin open
P_7.5.12
SLS_REF pin
Relative pull-up current,
related to IN_SET
ISLS_REF / IINSET
KSLS_REF
0.972
1
1.028
–
VS > 8 V
VSLS_REF = 0.75...
3.25 V
IIN_SET = 50... 270 µA
P_7.5.13
Output attenuation factor
for internal reference
comparison
BSLS
3.77
3.93
4.09
–
VS > 14.65 V
VOUT = 13 V
P_7.5.21
Output attenuation factor
for internal reference
comparison
BSLS
3.76
3.93
4.10
–
VS > 8 V
VOUT = 7 V
P_7.5.22
Output attenuation factor
for internal reference
comparison
BSLS
3.75
3.93
4.11
–
VS > 8 V
VOUT = 5 V
P_7.5.23
Output attenuation factor
for internal reference
comparison
BSLS
3.73
3.93
4.13
–
VS > 8 V
VOUT = 3 V
P_7.5.24
Table 8
Electrical Characteristics: Fault management (cont’d)
TJ = -40°C to +150°C; VS =5.5 V to 18 V; RIN_SET = 10 kΩ; all voltages with respect to GND, positive current flowing
into input and I/O pins, positive current flowing out from output pins (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com