Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLD2132-1EP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLD2132-1EP Datasheet HTML 1Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 2Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 3Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 4Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 5Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 6Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 7Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 8Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Datasheet
5
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Pin configuration
2
Pin configuration
2.1
Pin assignment
Figure 2
Pin configuration
2.2
Pin definitions and functions
Pin
Symbol
Function
10
VS
Supply voltage; Connected to battery or supply control switch, with EMC
filter
8GND
Ground; Signal ground
4IN_SET
Control input for OUT channel; Connect to a low power resistor to adjust
OUT output current. Alternatively, a different current reference (i.e. the
OUT_SET of another LITIX™ Basic+ LED Driver) may be connected
2OUT_SET
Control output for additional current source; If an additional channel or
output current with same input control is needed, connect this pin to the
IN_SET pin of the additional LED driver. If not used, leave the pin open
6PWMI
PWM input; Connect to an external PWM controller. If not used, connect to
GND
1SLS_REF
Single LED short reference input; Connect to a low power resistor or a
voltage reference to adjust Internal SLS threshold. If not used, connect to
GND
5DS
Single LED short delay/restart input; Connect to a capacitor, leave open or
connect to GND, depending on the required diagnosis management for single
LED short detection (see Chapter 6 for further details)
7D
Disable/delay error input; Connect to a capacitor, leave open or connect to
GND, depending on the required diagnosis management (see Chapter 6 for
further details)
14
ERRN
ERROR flag I/O; Open drain, active low. Connect to a pull-up resistor
GND
ERRN
EN/DEN
PWMI
D
DS
IN_SET
VS
n.c.
n.c
OUT_SET
n.c
OUT
SLS_REF
EP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
exposed pad (bottom)
TLD2132-1EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com