| Electronic Components Datasheet Search |
|
TLD2132-1EP Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLD2132-1EP Datasheet(HTML) 10 Page - Infineon Technologies AG |
|
10 / 41 page ![]() Datasheet 10 Rev. 1.10 2019-09-26 TLD2132-1EP LITIX™ Basic+ Internal supply 4 Internal supply This chapter describes the internal supply in its main parameters and functionality. 4.1 Description The internal supply principle is highlighted in the concept diagram of Figure 3. If the voltage applied at the EN/DEN pin is below VEN(th) the device enters sleep mode. In this state all internal functions are switched off and the current consumption is reduced to IS(sleep) . As soon as the voltage applied at the supply pin VS is above VSUV(ON) and the voltage applied at the EN/DEN pin is above VEN(th), after the power-on reset time tPOR, the device is ready to deliver output current from the output stage. The power on reset time tPOR has to be taken into account also in relevant application conditions, i. e. with PWM control from VS or EN/DEN lines. Figure 3 Internal supply Furthermore, as soon as the voltage applied at the supply pin VS is above VSUV(ON) and the voltage applied to the EN/DEN pin VEN is above VDEN(th), the device is ready to detect and report fault conditions via ERRN (error network pin) as described in Chapter 6. To program output enable and diagnosis enable via EN/DEN pin there are several possibilities, like a resistor divider from VS to GND, a Zener diode from EN/DEN to VS and also a logic control pin (e.g. from a microcontroller output). OUTx Diagnosis Control EN/DEN + - VDEN(th) + - VEN(th) OUTx Control VS Internal Supply + - VSUV |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |