Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLD2132-1EP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 5Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 6Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 7Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 8Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 9Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 10Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 11Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 12Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Datasheet
9
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
General product characteristics
3.3
Thermal resistance
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards. For more
information, go to www.jedec.org.
Table 4
Thermal resistance1)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Junction to Case
RthJC
––
10
K/W
1)2)
2) Specified RthJC value is simulated at natural convection on a cold plate setup (all pins and exposed pad are fixed to
ambient temperature). TA = 85°C. Total power dissipation = 1.5 W
P_4.3.1
Junction to Ambient 1s0p
board
RthJA1
–
–
61
56
–
–
K/W
1)3)
TA = 85°C
TA = 135°C
3) Specified RthJA value is according to Jedec JESD51-3 at natural convection on FR4 1s0p board. The product
(chip+package) was simulated on a 76.2 × 114.3 × 1.5 mm board with 70 µm Cu, 300 mm2 cooling area. Total power
dissipation 1.5 W distributed statically and homogenously over all power stages
P_4.3.3
Junction to Ambient 2s2p
board
RthJA2
–
–
45
43
–
–
K/W
1)4)
TA = 85°C
TA = 135°C
4) Specified RthJA value is according to Jedec JESD51-5,-7 at natural convection on FR4 2s2p board; The product
(chip+package) was simulated on a 76.2 × 114.3 × 1.5 mm board with 2 inner copper layers (2 × 70 µm Cu, 2 × 35 µm
Cu). Where applicable a thermal via array under the exposed pad contacted the first inner copper layer. Total power
dissipation 1.5 W distributed statically and homogenously over all power stages
P_4.3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com