Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZSSC3138BA2
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZSSC3138BA2 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 25, 2016
1.3.
Electrical Parameters
All parameter values are valid under the operating conditions specified in section 1.2 (special definitions
excluded). All voltages referenced to VSSA.
Note: See important notes at the end of Table 1.3.
Table 1.3
Electrical Parameters
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1.
Supply Current and System Operation Conditions
1.3.1.1
Supply current
IS
Without bridge and load
current, fOSC ≤ 3 MHz
5.5
mA
1.3.1.2
Oscillator frequency
1)
fOSC
Adjustment guaranteed for
whole temperature range
(TAMB_TQE)
2
3
4
MHz
1.3.2.
Analog Front-End (AFE) Characteristics
1.3.2.1
Input span
VIN_SP
Analog gain: 105 to 2.8
8
275
mV/V
Analog gain: 420 to 2.8
1
275
mV/V
1.3.2.2
Parasitic differential input
offset current
1)
IIN_OFF
Temperature range
TAMB_TQE
-10
10
nA
Temperature range
TAMB_TQI
-2
2
nA
1.3.2.3
Common mode
input range
VIN_CM
Depends on gain adjust;
XZC off (refer to section
2.3.1)
0.29
0.65
VDDA
1.3.2.4
Analog offset
compensation range
Depends on gain
adjustment; refer to
section 2.3.2
-300
300
% VIN_SP
1.3.3.
Temperature Measurement
(Refer to section 2.4.)
1.3.3.1
Internal temperature diode
sensitivity
STTSI
Raw values,
without conditioning
700
2700
ppm FS
/ K
1.3.4.
A/D Conversion
1.3.4.1
A/D resolution
1)
rADC
13
16
Bit
1.3.4.2
DNL
1)
DNLADC
rADC=13bit, fOSC=3MHz,
best fit, complete AFE,
range according to 1.3.4.5
0.95
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com