Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSSC3138BA2
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSSC3138BA2 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Sensor Signal Conditioner for
Ceramic Sensor Applications
ZSSC3138
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 25, 2016
Brief Description
The ZSSC3138 is a member of the ZSSC313x
product family of CMOS integrated circuits designed
for automotive/ industrial sensor applications. All
family members are well suited for highly accurate
amplification
and
sensor-specific
correction
of
resistive bridge sensor signals. An internal 16-bit
RISC microcontroller running a correction algorithm
compensates sensor offset, sensitivity, temperature
drift, and non-linearity of the connected sensor
element. The required calibration coefficients are
stored by the one-pass calibration procedure on chip
(EEPROM).
The ZSSC3138 offers a maximum analog gain of
420 and two offset compensation features. These fit
perfectly with the requirements of ceramic thick-film-
based sensor elements as well as strain gauges.
The high amplification in combination with the offset
compensation offers the capability to set up ceramic
thick-film-based sensor applications without laser
trimming, which leads to better long-term stability.
Features
•
Adjustable to nearly all resistive bridge sensor
types, analog gain of 420, maximum overall gain
of 1680
•
Enhanced sample rate: 7.8 kHz maximum
•
High ADC resolution 15/16 bit
•
Safety functionality sensor connection
•
Internal temperature compensation
•
Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
•
Output options: ratiometric analog voltage output
(5 - 95% maximum, 12.4 bit resolution) or
ZACwire
TM (digital One-Wire Interface (OWI))
•
Sensor biasing by voltage
•
High voltage protection up to 33 V
•
Supply current: 5.5mA maximum
•
Reverse polarity and short circuit protection
•
Wide operation temperature range between
-40 to +150°C
• Traceability by user-defined EEPROM entries
* Note: I
2C™ is a trademark of NXP.
** FSO = Full Scale Output.
Benefits
• Family approach offers the best fitting IC selec-
tion to build cost-optimized applications
• No external trimming components required
• Low number of external components needed
• PC-controlled configuration and one-pass/
end-of-line calibration via I²C™* or ZACwire™
interface: simple, cost efficient, quick, and precise
• High accuracy (0.25% FSO** @ -25 to +85°C;
0.5% FSO @ -40 to +125°C)
• Optimized for automotive/industrial environments
due to robust protection circuitries, excellent
electromagnetic compatibility and AEC-Q100
qualification
Available Support
• Evaluation Kits
• Application Notes
• Mass Calibration System
Physical Characteristics
• Supply voltage 4.5 to 5.5 V
• Operation temperature: -40°C to +125°C
(-40°C to +150°C extended temperature range
depending on product version)
• Available in RoHS-compliant JEDEC-SSOP14
package or delivery as die
ZSSC3138 Minimum Application Requirements
GND
OUT
VCC
Sensor
Module
ZSSC3138


Similar Part No. - ZSSC3138BA2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3138BA2R IDT-ZSSC3138BA2R Datasheet
279Kb / 25P
Sensor Signal Conditioner for Ceramic Sensor Applications
ZSSC3138BA2T IDT-ZSSC3138BA2T Datasheet
279Kb / 25P
Sensor Signal Conditioner for Ceramic Sensor Applications
More results

Similar Description - ZSSC3138BA2

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3138 IDT-ZSSC3138 Datasheet
279Kb / 25P
Sensor Signal Conditioner for Ceramic Sensor Applications
ZSSC3136 IDT-ZSSC3136 Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
ZSSC3131 IDT-ZSSC3131 Datasheet
263Kb / 23P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
xMR Sensor Signal Conditioner
ZSSC3131 RENESAS-ZSSC3131 Datasheet
437Kb / 24P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
ZSSC3136 RENESAS-ZSSC3136 Datasheet
607Kb / 25P
Sensor Signal Conditioner for Safety Switch Applications
January 22, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com