Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZSSC3138BA2
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZSSC3138BA2 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
9
January 25, 2016
1.4.
Interface Characteristics and EEPROM
Table 1.4
Interface Characteristics and EEPROM
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1.
I²C
TM Interface
(Refer to the ZSSC313x Functional Description for timing details)
1.4.1.1
I²C voltage level HIGH
VI²C,HIGH
0.8
VDDA
1.4.1.2
I²C voltage level LOW
1)
VI²C,LOW
0.2
VDDA
1.4.1.3
Slave output level LOW
1)
VI²C,LOW_OUT
Open drain, IOL<2mA
0.15
VDDA
1.4.1.4
SDA load capacitance
1)
CSDA
400
pF
1.4.1.5
SCL clock frequency
1)
fI²C
fOSC
≥2MHz
400
kHz
1.4.1.6
Internal pull-up resistor
1)
RI²C,PULLUPI
25
100
k
Ω
1.4.2.
ZACwire™ One-Wire Interface (OWI)
(Refer to the ZSSC313x Functional Description for timing details)
1.4.2.1
OWI voltage level HIGH
1)
VOWI,HIGH
0.75
VDDA
1.4.2.2
OWI voltage level LOW
1)
VOWI,LOW
0.2
VDDA
1.4.2.3
Slave output level LOW
1)
VOWI,LOW_OUT Open drain, IOL<2mA
0.15
VDDA
1.4.2.4
Start window
1)
tOWI,STARTWIN
At fOSC=3MHz
96
175
455
ms
1.4.3.
EEPROM
1.4.3.1
Ambient temperature for
EEPROM programming
1)
TAMB_EEP
-40
150
°C
1.4.3.2
Write cycles
1)
nEEP_WRI
Write <= 85°C
100 000
Write up to 150°C
100
1.4.3.3
Read cycles
1) 2)
nEEP_READ
≤175°C
8 * 10
8
1.4.3.4
Data retention
1) 3)
tEEP_RETENTION 1300h at 175°C
( =
3000h at 150°C
+ 27000h at 125°C
+ 100000h at
55°C)
15
a
1.4.3.5
Programming time
1)
tEEP_WRI
Per written word
12
ms
1)
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
2)
Valid for the dice. Note that the package and the temperature version causes additional restrictions.
3)
Over lifetime and valid for the dice. Use the calculation sheet IDT Temperature Profile Calculation Sheet for temperature stress calculation. Note that
the package and the temperature version causes additional restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com