Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZSSC3138BA2
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZSSC3138BA2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
12
January 25, 2016
2.3.1.
Programmable Gain Amplifier (PGA)
Table 2.1 shows the adjustable gains, the sensor signal spans, and the valid common mode range.
Table 2.1
Adjustable Gains, Resulting Sensor Signal Spans and Common Mode Ranges
PGA Gain
aIN
Maximum Span
VIN_SP [mV/V]
1)
Input Common Mode Range
VIN_CM [% VDDA]
2)
XZC = Off
XZC = On
420
1.8
29 to 65
45 to 55
280
2.7
29 to 65
45 to 55
210
3.6
29 to 65
45 to 55
140
5.4
29 to 65
45 to 55
105
7.1
29 to 65
45 to 55
70
10.7
29 to 65
45 to 55
52.5
14.3
29 to 65
45 to 55
35
21.4
29 to 65
45 to 55
26.3
28.5
29 to 65
45 to 55
14
53.75
29 to 65
45 to 55
9.3
80
29 to 65
45 to 55
7
107
29 to 65
45 to 55
2.8
267
32 to 57
Not applicable
1)
Recommended maximum internal signal range is 75% of supply voltage.
Span is calculated by the following formula: Span = 0.75 (VBR_T – VBR_B) / Gain.
2)
Refer to section 2.3.2 for an explanation of the extended analog zero compensation (XZC).
2.3.2.
Offset Compensation
The ZSSC3138 processes a sensor-offset correction during the digital signal conditioning by the calibration
microcontroller (CMC).
The ZSSC3138 also supports an extended analog zero compensation (XZC) for large offsets up to a maximum of
approximately 300% of signal span, depending on the gain adjustment (Table 2.2). This prevents overdriving the
analog signal path in the case of a large sensor offset by adding a compensation voltage to the second
amplification stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com