Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZSSC3138BA2
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZSSC3138BA2 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 25, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7.
System Response
1.3.7.1
Startup time
1) 3)
(To 1
st output, ROM check
disabled)
tSTARTUP
1-step ADC, fOSC=3MHz
rADC=14bit)
35
ms
2-step ADC, fOSC=3MHz,
rADC=14bit)
5
ms
1.3.7.2
Response time
1)
(100% input step; refer to
Table 2.3)
tRESPONSE
1-step ADC, fOSC=4MHz,
rADC=13bit
8.7
13.1
17.4
ms
2-step ADC, fOSC=4MHz,
rADC=13bit
256
384
512
µs
1.3.7.3
Bandwidth
1)
(In comparison to an
equivalent analog SSC.
Refer to Table 2.3)
BW
1-step ADC
200
Hz
2-step ADC
7.8
kHz
1.3.7.4
Analog output noise
peak-to-peak
1)
VNOISE_PP
Shorted inputs
bandwidth
≤ 10kHz
10
mV
1.3.7.5
Analog output noise
RMS
1)
VNOISE_RMS
Shorted inputs
bandwidth
≤ 10kHz
3
mV
1.3.7.6
Ratiometricity error
RE
Maximum error for
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.7.7
Overall failure
4)
Deviation from ideal line
including INL, gain, offset
and temperature errors.
No sensor-caused effects.
Failure for digital readout
shown in parenthesis.
FOVERALL_TQI
fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQI
0.25
(0.1)
% FS
FOVERALL_TQA fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQA
0.5
(0.25)
% FS
FOVERALL_TQE fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQE
1.0
(0.5)
% FS
1)
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
2)
Minimum output voltage to VDDE or maximum output voltage to VSSE.
3)
Depends on resolution and configuration. Start routine begins approximately 0.8ms after power on.
4)
If XZC is active, additional overall failure of 25ppm/K for XZC=31 maximum. Failure decreases linearly for XZC<31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com