Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3138BA2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3138BA2
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138BA2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3138BA2 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3138BA2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 25, 2016
Table 2.3
ADC Resolution versus Output Resolution and Sample Rate
ADC Adjustment
Output Resolution
1)
Sample Rate
2)
Averaged Bandwidth
2)
ADC
Sample
Rate Mode
rADC
[bit]
Digital
[bit]
Analog
[bit]
fOSC=3MHz
[Hz]
fOSC=4MHz
[Hz]
fOSC=3MHz
[Hz]
fOSC=4MHz
[Hz]
Normal
13
13
12
345
460
130
172
14
14
12
178
237
67
89
15
14
12
90
120
34
45
16
14
12
45
61
17
23
High
13
13
12
5859
7813
2203
2937
14
14
12
3906
5208
1469
1958
15
14
12
2930
3906
1101
1468
16
14
12
1953
2604
734
979
1)
Output resolution does not exceed ADC resolution. PGA gain should be such that the differential ADC input signal uses at least 50% of ADC input
range to ensure maximum achievable output resolution.
2)
Refer to the ZSSC313x Bandwidth Calculation Sheet for a detailed calculation of sampling time and bandwidth.
2.4.
Temperature Measurement
The ZSSC3138 supports acquiring temperature data needed for conditioning of the sensor signal using an
internal pn-junction temperature sensor.
Refer to the ZSSC313x Functional Description for a detailed explanation of temperature sensor adaptation and
adjustment.
2.5.
System Control and Conditioning Calculation
The system control supports the following tasks/features:
• Managing the startup sequence
• Controlling the measurement cycle regarding to the EEPROM-stored configuration data
• Sensor signal conditioning (calculation of the 16-bit correction for each measurement signal using the
EEPROM-stored conditioning coefficients and the ROM-based formulas)
• Processing communication requests received via the digital interfaces
• Performing failsafe tasks and message detected errors by setting diagnostic states
2.5.1.
General Working Modes
ZSSC3138 supports three different working modes:
• Normal Operation Mode (NOM) – for continuous processing of signal conditioning
• Command Mode (CM) – for calibration and access to all internal registers
• Diagnostic Mode (DM) – for failure messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com