Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3240CC1B Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 45Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 46Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 47Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 48Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 49Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 50Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 51Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 52Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 49
NVM Address
Word/ Bit Range
Default Setting
Description
Notes/ Explanations
Measurement Configuration Register 1 (SM_config1)
14HEX
3:0
0000BIN
Gain_stage1
Gain setting for the 1st PGA stage with Gain_stage1[3:0]:
Parameters are valid for
GainPGA ≤ 192:
Parameters are limited for
GainPGA > 192:
0000 = 1.2
0110 = 30
1011 = 150
0001 = 2
0111 = 40
1100 = 200
0010 = 4
1000 = 60
1101 = 240
0011 = 6
1001 = 80
1110 = 300
0100 = 12
1010 = 120
1111 = Not assigned
0101 = 20
6:4
000BIN
Gain_stage2
Gain setting for the 2nd PGA stage with Gain_stage2[1:0]:
000 = 1.1
100 = 1.5
001 = 1.2
101 = 1.6
010 = 1.3
110 = 1.7
011 = 1.4
111 = 1.8
7
0BIN
Gain_polarity
Set up the polarity of the sensor bridge’s gain
(invert chopper 1):
0 =
positive (no polarity change)
1 =
negative (180° polarity change)
11:8
0100BIN
adc_bits
Resolution, i.e. absolute number of bits for the ADC with
adc_bits[3:0]:
0000 = 12
0111 = 19
0001 = 13
1000 = 20
0010 = 14
1001 = 21
0011 = 15
1010 = 22
0100 = 16 (default)
1011 = 23
0101 = 17
1100 = 24
0110 = 18
1101 to 1111 = Not assigned
14:12
000BIN
adc_offset
Differential signal’s offset shift in the ADC including gain x2;
compensation of x% signal offset:
000 = 0%, no offset compensation
100 = 25.00% offset
001 = 6.25% offset
101 = 31.25% offset
010 = 12.50% offset
110 = 37.50% offset
011 = 18.75% offset
111 = 44.00% offset
15
0BIN
sel_ref1
Reference source for main sensor measurement:
0 = Absolute (internal) bandgap is the reference
1 = Ratiometric reference; recommended for
ratiometrically supplied sensors
Measurement Configuration Register 2 (SM_config2)
15HEX
4:0
0 0000BIN
ioffsc
Absolute voltage input shift for input signals to the PG, e.g.
INP-INN
The input signal is shifted by the following voltages:
00000 =
0mV, no shift
00001 =
-1mV
00010 =
-2mV
00011 =
-3mV
…
01110 =
-14mV
01111 =
-15mV
10000 =
0mV, no shift
10001 =
+1mV
10010 =
+2mV
…
11110 =
+14mV
11111 =
+15mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com