Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3240CC1B Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 53Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 54Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 55Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 56Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 57Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 58Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 59Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 60Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 57
S =
[
[
ZSP
2
23 ∙ [[
SOT_sens
2
21
∙ |ZSS|]
-225
225-1
+ 2
23]
-225
225-1
]-225
225-1
+ 2
23+ SENS_shift
]0
224-1
Equation 18
6.6.3.2.
Temperature Signal Correction
Temperature is measured either internally by the ZSSC3240 or through an additional external element or by
means of a combination of ZSSC3240-internal and external temperature sensing capabilities; see sections 6.2.3
and 6.2.4. Temperature correction contains both linear gain and offset terms as well as a second-order term to
correct for any nonlinearities. For temperature, second-order compensation for nonlinearity is always parabolic.
The correction equation terms are as follows:
T
Corrected temperature sensor reading output via digital interface; range [0HEX to FFFFFFHEX]
Gain_T Gain coefficient for temperature; range [-7FFFFFHEX to 7FFFFFHEX]
T_Raw Raw temperature reading after AZ correction; range [-7FFFFFHEX to 7FFFFFHEX]
Offset_T Offset coefficient for temperature; range [-7FFFFFHEX to 0x7FFFFFHEX]
SOT_T Second-order term for temperature source nonlinearity; range [-7FFFFFHEX to 7FFFFFHEX]
T_Shift Shift for post-calibration/post-assembly offset compensation [-7FFFFFHEX to 7FFFFFHEX]
The correction formula is best represented as a two-step process as follows:
Simplified:
ZT =
4
∙ Gain_T
223
∙ ( T_Raw + 4 ∙ Offset_T) + 223 (delimited to positive number range)
Equation 19
T =
ZT
223 ∙
(
4
× SOT_T
223
∙ ZT + 223)+ T_shift (delimited to positive number range)
Equation 20
Complete:
ZT = [[
Gain_T
2
21
∙ [T_Raw + 4 ∙ Offset_T ]
-225
225-1]
-225
225-1
+ 2
23]
0
225-1
Equation 21
T =
[
ZT
2
23 ∙ [[
SOT_T
2
21
∙ ZT ]
-225
225-1
+ 2
23]
-225
225-1
+ T_shift
]0
224-1
Equation 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com