Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3240CC1B Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3240CC1B
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240CC1B Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3240CC1B Datasheet HTML 12Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 13Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 14Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 15Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 16Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 17Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 18Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 19Page - Renesas Technology Corp ZSSC3240CC1B Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 16
Table 10.
Single Analog-to-Digital Conversion
adc_bits[3:0]
ADC
Resolution
[Bits]
Ratiometric ADC
Input Range [a],
VADC,IN [V]
Absolute ADC
Input Range [b],
VADC,IN [V]
Conversion
Time, Typical
[µs]
Conversion
Rate, Typical
[kHz]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
0
0
0
0
12
±1.42
±1.07
162
6.1
0
0
0
1
13
±1.43
±1.08
192
5.2
0
0
1
0
14
±1.41
±1.06
235
4.2
0
0
1
1
15
±1.42
±1.07
294
3.4
0
1
0
0
16
±1.41
±1.06
380
2.6
0
1
0
1
17
±1.42
±1.07
497
2.0
0
1
1
0
18
±1.41
±1.06
670
1.4
0
1
1
1
19
±1.42
±1.07
903
1.1
1
0
0
0
20
±1.41
±1.06
1245
0.8
1
0
0
1
21
±1.42
±1.07
1715
0.5
1
0
1
0
22
±1.41
±1.06
2400
0.4
1
0
1
1
23
±1.42
±1.07
3335
0.3
1
1
0
0
24
±1.40
±1.06
4705
0.2
1
1
0
1
Not assigned
–
–
–
–
1
1
1
0
Not assigned
–
–
–
–
1
1
1
1
Not assigned
–
–
–
–
[a]
With the following settings: ratiometric reference, sel_ref* = 1, and no ADC-shift (adc_en_shift = 0) nor extra ADC-gain, i.e. GainADC=1
[b]
With the following settings: absolute reference, sel_ref* = 0, and no ADC-shift (adc_en_shift = 0) nor extra ADC-gain, i.e. GainADC=1
The ADC can perform an additional offset shift (independent of the PGA shifting with ioffsc) in order to adapt
input signals with offsets to the ADC input range. The shift feature is enabled by setting adc_en_shift = 1 (bit[8]
in the SM_config2 or extTemp_config2 registers). As defined in Table 11, the respective analog offset shift can
be selected with bits [14:12], adc_offset in SM_config1 or extTemp_config1.
Note: Enabling the offset shift causes the ADC to
perform an additional amplification of the ADC’s input signal by
factor 2. This must be considered for a correct analog sensor setup by means of the PGA’s gain, the absolute
offset shift in the PGA, the ADC offset shift, and the potential ADC gain.
The overall analog amplification GainTOTAL = GainPGA · GainADC can be determined for the following potential use
cases using Equation 2 or Equation 3 depending on the ADC offset setting:
If no ADC offset shift is selected, i.e., adc_en_shift = 0 and adc_offset = 000, then
GainTOTAL = GainPGA
1
Equation 2
If ADC offset shift is selected, i.e., adc_en_shift = 1 (adc_offset is configurable), then
GainTOTAL = GainPGA
2
Equation 3
Table 11.
ADC Offset Shift
adc_offset[2:0]
Compensation of Percentage
Offset in Input Signal
ADC Input Signal
Range [VADC,IN]
bit[2]
bit[1]
bit[0]
0
0
0
0%
-0.5 to 0.5
0
0
1
6.25%
-0.44 to 0.56
0
1
0
12.50%
-0.38 to 0.62
0
1
1
18.75%
-0.31 to 0.69
1
0
0
25.00%
-0.25 to 0.75
1
0
1
31.25%
-0.19 to 0.81
1
1
0
37.50%
-0.13 to 0.87
1
1
1
44.00%
-0.06 to 0.94
ADC-offset shift disabled, adc_en_shift = 0
0% (compensation,
2-gain off)
-1 to +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com