Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9546BCPZ Datasheet(PDF) 112 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 112 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 108Page - Analog Devices AD9546BCPZ Datasheet HTML 109Page - Analog Devices AD9546BCPZ Datasheet HTML 110Page - Analog Devices AD9546BCPZ Datasheet HTML 111Page - Analog Devices AD9546BCPZ Datasheet HTML 112Page - Analog Devices AD9546BCPZ Datasheet HTML 113Page - Analog Devices AD9546BCPZ Datasheet HTML 114Page - Analog Devices AD9546BCPZ Datasheet HTML 115Page - Analog Devices AD9546BCPZ Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 112 of 205
AA, B, or BB) results in disturbing all the Output 1 clock
outputs. These output clock disturbances result from the
synchronization process. However, the disturbances are glitch
free, because the synchronization sequence mutes the affected
output drivers during synchronization.
The aforementioned output clock disturbances are avoidable,
however, when the clock source to the Q dividers is the system
clock (see Table 62) and the system clock synchronization mask
bits are Logic 1 (see the Q Divider Clock Source Selection
section) for a subset of the device outputs.
AUTOSYNCHRONIZATION TRIGGER
Although the AD9546 provides the user with the ability to
synchronize the distribution outputs via a manual synchroniza-
tion trigger, it is not a recommended action. Instead, the
AD9546 provides an autosynchronization trigger feature that
applies only after meeting certain conditions, which overcomes
potential usability issues associated with manual trigger scenarios.
The immediate autosynchronization mode (see Table 73) is an
effective replacement for manual synchronization triggering.
The user selects the desired autosynchronization trigger
conditions via Bits[1:0] of Register 0x10DB for PLL0 and
Register 0x14DB for PLL1. Table 73 shows the selectable
autosynchronization conditions.
Table 73. Autosynchronization Mode Selections
Bits[1:0] (Decimal)
Autosynchronization Mode
0
Disabled (default)
1
Immediate
2
On DPLL phase lock
3
On DPLL frequency lock
Autosynchronization enables the AD9546 to execute a
distribution synchronization sequence without any user
intervention. The nonzero autosynchronization selections
specify conditions for generating an autosynchronization
trigger.
When autosynchronization mode = 0 (default), only manual or
autoreconfiguration triggers are possible. When autosynchroniza-
tion mode ≠ 0, the autosynchronization trigger feature is in
effect.
When autosynchronization is active (autosynchronization
mode ≠ 0), nothing happens until the system clock PLL
indicates a locked status. The autosynchronization mechanism
then enters an autosynchronization trigger detection loop
awaiting the specified autosynchronization event. When
autosynchronization mode = 1, the autosynchronization event
constitutes the indication of a locked status by the system clock
PLL. When autosynchronization mode = 2, the
autosynchronization event constitutes an indication of phase
lock by the DPLL.
When autosynchronization mode = 3, the autosynchronization
event constitutes an indication of frequency lock.
After the autosynchronization trigger occurs for a PLL channel,
the autosynchronization trigger generation sequence terminates.
Subsequent autosynchronization sequences on the same PLL
channel are not possible unless the user programs Bit 0 = 1 of
Register 0x2107 or Register 0x2207, or by updating Bits[1:0] of
Register 0x10DB or Register 0x14DB.
REFERENCE SYNCHRONIZATION
Output clock synchronization establishes a coincident starting
time among output clocks (usually on a per PLL channel basis).
Output clock synchronization, however, is generally
asynchronous with respect to input reference clock signal
edges. The reference synchronization feature allows the user to
make a rising edge of the input reference clock an additional
gating item for synchronization of the output clocks. Reference
synchronization establishes a small fixed phase relationship
(~30 ns) between the input and output clocks (assuming the
output clock frequency is an integer multiple of the input
reference frequency). Establishing an initial fixed phase
relationship between the input and output clocks minimizes the
DPLL acquisition time by making it deterministic rather than
completely random.
The reference synchronization feature requires a hitless profile
be active when reference synchronization is in effect. The
reference synchronization feature does not function with a
phase buildout profile.
Like most of the other synchronization features, reference
synchronization applies on a per PLL channel basis. To enable
the reference synchronization feature, use Bit 2 (reference
synchronization) of Register 0x10DB for PLL0 and Register
0x14DB for PLL1. Setting the reference synchronization bit,
which is Logic 0 by default, enables reference synchronization
of those outputs associated with the corresponding PLL
channel.
When using reference synchronization in conjunction with
autosynchronization mode (that is, autosynchronization mode
= 1, 2, or 3), be sure to program the reference synchronization
bit to Logic 1 and assert the I/O update bit prior to
programming autosynchronization mode = 1, 2, or 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com