Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9546BCPZ Datasheet(PDF) 115 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 115 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 111Page - Analog Devices AD9546BCPZ Datasheet HTML 112Page - Analog Devices AD9546BCPZ Datasheet HTML 113Page - Analog Devices AD9546BCPZ Datasheet HTML 114Page - Analog Devices AD9546BCPZ Datasheet HTML 115Page - Analog Devices AD9546BCPZ Datasheet HTML 116Page - Analog Devices AD9546BCPZ Datasheet HTML 117Page - Analog Devices AD9546BCPZ Datasheet HTML 118Page - Analog Devices AD9546BCPZ Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 115 of 205
TRANSLATION MODES
Overview
The translation modes govern the way the DPLL responds
when it acquires a reference signal. In general, at the start of a
reference acquisition, the feedback of the DPLL and reference
signals do not have the same phase relationship. As such, when
the DPLL begins an acquisition, it likely exhibits a significant
output disturbance as the loop attempts to compensate for the
phase mismatch. To deal with the output disturbance that
typically results from a reference acquisition, the AD9546 offers
two translation mode types: phase buildout and hitless.
A phase buildout acquisition virtually eliminates the output
disturbance that results from an initial phase mismatch. During
a phase buildout acquisition, the DPLL effectively measures the
initial phase offset between its feedback and reference inputs
and inserts the measured phase offset into the feedback path of
the loop. The measured phase offset is the phase buildout offset.
Insertion of the phase buildout offset into the loop effectively
eliminates the initial phase difference between the feedback and
reference signals, thereby minimizing the disturbance at the
output of the DPLL. The insertion of the phase buildout offset
implies a phase difference between the output of the DPLL and
reference clock signals. This phase difference is the expected
behavior for a phase buildout reference acquisition.
Note that during a phase buildout acquisition, the phase slew
rate limit function does not operate on the buildout phase
transition (see the Phase Slew Rate Limit section of the Digital
PLL (DPLL) section for details on the phase slew rate limiter).
Unlike a phase buildout acquisition, a hitless acquisition
ultimately results in a phase match of the output of the DPLL
and reference clock signals. As such, a hitless translation mode
is a prerequisite for zero delay operation. Given a phase
mismatch between the reference of the DPLL and feedback
signals at the start of an acquisition, the DPLL temporarily
changes its output frequency to steer the phase difference
toward zero. The AD9546 optimizes this process by assessing
the initial phase relationship between the reference and
feedback signals and steering toward the reference clock edge
exhibiting the smallest relative phase offset.
Because a hitless acquisition undergoes frequency changes to
bring about phase alignment, there can be a significant phase
disturbance at the output while the loop locks to the phase of
the reference (even if the initial feedback and reference frequencies
are identical). The user can minimize this disturbance by placing a
limit on the DPLL output frequency excursion (caused by a
phase rate of change (δθ/δt) at its input) via the phase slew limit
feature (see the Phase Slew Rate Limit section). Furthermore,
the user can place a limit on the overall output frequency
excursion (due to both an input frequency offset and δθ/δt) by
using the frequency clamp feature (see the Tuning Word Offset
Clamp section).
Even during a hitless acquisition, the AD9546 builds out the
initial phase offset between the reference and feedback signals
(as though the device is performing a phase buildout
acquisition) to help mitigate the disturbance at the output.
However, unlike the case of a phase buildout acquisition, the
phase slew rate limiter is operational during a hitless
acquisition (see the Phase Slew Rate Limit section for details on
the phase slew rate limiter) and applies slew rate limiting to the
buildout phase transition as needed.
For further information on how a PLL responds to switching
from one reference to another under hitless and phase buildout
operating modes, see the AN-1420 Application Note.
Translation Mode Selection
PLL0 and PLL1 can operate in any one of three modes:
•
Phase buildout mode
•
Internal zero delay mode (hitless)
•
External zero delay mode (hitless)
The zero delay modes constitute hitless rather than phase
buildout operation. For details on each mode, see the Phase
Buildout Mode section, Internal Zero Delay (Hitless) Mode
section, and External Zero Delay (Hitless) Mode section.
The user selects the operating mode via the translation profile
registers. That is, each profile gives the user the option of selecting
any one of the three operating modes for that specific profile. To
select the operating mode, use Bits[1:0] in the register at the
start address of the translation profile in Table 74 plus an offset
of 3 (decimal). Bits[1:0] select the operating mode per Table 76.
Table 76. Frequency Translation Modes
Bits[1:0] (Decimal)
Translation Mode
0
Phase buildout
1
Internal zero delay
2
Not applicable
3
External zero delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com