Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9546BCPZ Datasheet(PDF) 116 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 116 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 112Page - Analog Devices AD9546BCPZ Datasheet HTML 113Page - Analog Devices AD9546BCPZ Datasheet HTML 114Page - Analog Devices AD9546BCPZ Datasheet HTML 115Page - Analog Devices AD9546BCPZ Datasheet HTML 116Page - Analog Devices AD9546BCPZ Datasheet HTML 117Page - Analog Devices AD9546BCPZ Datasheet HTML 118Page - Analog Devices AD9546BCPZ Datasheet HTML 119Page - Analog Devices AD9546BCPZ Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 116 of 205
PHASE BUILDOUT MODE
Figure 83 shows the phase buildout configuration. In phase
buildout mode, when the AD9546 switches from one input
reference to another, there is virtually no phase disturbance at
the output. Because the AD9546 uses time stamps generated by
the reference TDCs, the difference between the time stamps
from the old and new reference equates to a phase difference.
Thus, the AD9546 can assess the phase offset and automatically
compensate at switchover (see the Initial Phase Skew Refinement
Steps section for more detail).
The frequency translation factor for phase buildout mode is


+
×




=
××



2
OUTx
REF x
FRAC
NM
f
MOD
f
R Q
where:
N is the N divider integer part.
FRAC is the N divider fractional part.
MOD is the N divider fractional modulus.
M is the divide ratio of the APLL feedback divider.
R is the divide ratio of the input reference divider.
Q is the divide ratio of the distribution divider.
However, the NCO, VCO, TDCs, and the APLL PFD inputs
each have specific frequency limits. The following formulas
relate the output frequency of the NCO (fNCO), fVCO, fTDC, and
fPFD to fREFx, fOUTx, and divider values. Note that each formula has
two solutions: one with respect to the input frequency (fREFx)
and the other with respect to the output frequency (fOUTx). The
user must ensure that fNCO, fVCO, fTDC, and fPFD are within their
specified frequency bounds.
fTDC = fREFx/R
= (2 × Q/(M × (N + FRAC/MOD))) × fOUTx
(5)
where:
fREFx is the reference frequency for a specific reference input, for
example, REFA, REFAA, REFB, or REFBB.
fOUTx is the output frequency for a specific distribution output,
for example, OUT0C or OUT1A.
fNCO = fPFD = (2 × Q/M) × fOUTx
= ((N + FRAC/MOD)/R) × fREFx
(6)
fVCO = 2 × Q × fOUTx
= ((N + FRAC/MOD) × M/R) × fREFx
(7)
When the reference source is auxiliary NCO 0, auxiliary NCO 1, or
the feedback from the other DPLL, then in Equation 5 through
Equation 7, use R = 1.
fS
TIME STAMP PROCESSOR,
DIGITAL LOOP FILTER,
TUNING WORD PROCESSOR,
AND NCO
FEEDBACK
TDC
PFD
AND
LOOP
FILTER
M DIVIDER
N DIVIDER
TDC
OUTPUT
DISTRIBUTION
PHASE
BUILD
OUT
DPLL
AD9546
N + FRAC/MOD
MUX
SYSTEM
CLOCK
LFx
XOA
XOB
Q
APLL
0
1
OUTxyN/
OUTxyP
REFx
R
OTHER DPLL
FEEDBACK TDC
DIGITAL
CROSS
POINT
MUX
REFERENCE TDCS
AUXILIARY NCOS
INVERSE USER TIME
STAMPERS (IUTS)
AUXILIARY
REFERENCE TDCS
VCO
÷2
Figure 83. Phase Buildout PLL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com