Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7802EUFDM-3.3 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC7802EUFDM-3.3
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM-3.3 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC7802EUFDM-3.3 Datasheet HTML 26Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 27Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 28Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 29Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 30Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 31Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 32Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 33Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LTC7802-3.3
32
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 9. High Efficiency Dual 3.3V, 5V Step-Down Regulator with Spread Spectrum
0.1µF
D1
D2
L1, 0.9µH
CIN
MTOP1
MTOP2
3m
MBOT2
MBOT1
0.1µF
L2, 1.8µH
100µF
×2
2m
780233 F09a
LTC7802-3.3
RUN1
RUN2
SW1
BG1
TG1
BOOST1
SENSE1–
VIN
INTVCC
VIN
4.5V TO 38V
VOUT1
3.3V, 12A
VOUT2
5V*, 10A
SENSE1+
SENSE2–
MODE
TRACK/SS2
ITH2
EXTVCC
VFB2
PLLIN/SPREAD
SENSE2+
SW2
BG2
TG2
BOOST2
VOUT1
PGOOD1
INTVCC
L1: WURTH 744355090
L2: WURTH 744313180
MTOP1,2: INFINEON BSC059N04LS6
MBOT1,2: INFINEON BSC022N04LS6
D1,2: CENTRAL SEMI CMDSH-4E
CIN: SUNCON 63CE100LX
COUT1,2: KEMET T520V337M006ATE015
*VOUT2 FOLLOWS VIN WHEN VIN < 5V
ITH1
TRACK/SS1
FREQ
GND
357k
68.1k
0.1µF
3.3nF
11k
100pF
3.3nF
5.9k
0.1µF
4.7µF
fSW = 350kHz
100µF
63V
10µF
×3
+
INTVCC
COUT1
330µF
6.3V
+
100pF
100µF
×2
COUT2
330µF
6.3V
+
PGOOD2
1nF
1nF
20
VOUT1 = 3.3V
VOUT2 = 5V
BOTH CHANNELS ON
Burst Mode OPERATION
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
3
6
9
12
70
75
80
85
90
95
100
Efficiency vs Load Current
780233 F09b
ONLY CHANNEL 1 ON
ONLY CHANNEL 2 ON
BOTH CHANNELS ON
VIN VOLTAGE (V)
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
45
50
vs Input Voltage
780233 F09c
Short–Circuit Response
VIN = 12V
FORCED CONTINUOUS MODE
100µs/DIV
780233 F09d
VOUT2
5V/DIV
INDUCTOR
CURRENT
5A/DIV
Efficiency vs Load Current
No-Load Burst Mode Input
Current vs Input Voltage
Short-Circuit Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com