Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7802EUFDM-3.3 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC7802EUFDM-3.3
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM-3.3 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC7802EUFDM-3.3 Datasheet HTML 10Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 11Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 12Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 13Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 14Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 15Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 16Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 17Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC7802-3.3
14
Rev. 0
For more information www.analog.com
OPERATION
Therefore, if Burst Mode is selected and the switching
frequency is synchronized to an external clock applied to
the PLLIN/SPREAD pin, the LTC7802-3.3 switches from
Burst Mode to forced continuous mode.
Frequency Selection, Spread Spectrum, and Phase-
Locked Loop (FREQ and PLLIN/SPREAD Pins)
The free running switching frequency of the LTC7802-
3.3 controllers is selected using the FREQ pin. Tying
FREQ to GND selects 350kHz while tying FREQ to INTVCC
selects 2.25MHz. Placing a resistor between FREQ and
GND allows the frequency to be programmed between
100kHz and 3MHz.
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is
a concern. To improve EMI, the LTC7802-3.3 can oper-
ate in spread spectrum mode, which is enabled by tying
the PLLIN/SPREAD pin to INTVCC. This feature varies the
switching frequency within typical boundaries of –12% to
+15% of the frequency set by the FREQ pin.
A phase-locked loop (PLL) is available on the LTC7802-
3.3 to synchronize the internal oscillator to an external
clock source connected to the PLLIN/SPREAD pin. The
LTC7802-3.3’s PLL aligns the turn-on of controller 1’s
external top MOSFET to the rising edge of the synchroniz-
ing signal. Thus, the turn-on of controller 2’s external top
MOSFET is 180° out-of-phase to the rising edge of the
external clock source.
The PLL frequency is prebiased to the free running fre-
quency set by the FREQ pin before the external clock is
applied. If prebiased near the external clock frequency,
the PLL only needs to make slight changes in order to
synchronize the rising edge of the external clock to the
rising edge of TG1. For more rapid lock-in to the external
clock, use the FREQ pin to set the internal oscillator to
approximately the frequency of the external clock. The
LTC7802-3.3’s PLL is guaranteed to lock to an external
clock source whose frequency is between 100kHz and
3MHz.
The PLLIN/SPREAD pin is TTL compatible with thresholds
of 1.6V (rising) and 1.1V (falling) and is guaranteed to
operate with a clock signal swing of 0.5V to 2.2V.
Output Overvoltage Protection
Each channel has an overvoltage comparator that guards
against transient overshoots as well as other more serious
conditions that may overvoltage the output. When the
VOUT1, VFB2 pin rises more than 10% above its regula-
tion point, the top MOSFET is turned off and the bottom
MOSFET is turned on until the overvoltage condition is
cleared.
Foldback Current
When the output voltage falls to less than 50% of its
nominal level, foldback current limiting is activated, pro-
gressively lowering the peak current limit in proportion to
the severity of the overcurrent or short-circuit condition.
Foldback current limiting is disabled during the soft-start
interval (as long as the VFB voltage is keeping up with the
TRACK/SS1,2 voltage).
Power Good
Each channel has a PGOOD pin that is connected to an
open drain of an internal N-channel MOSFET. The MOSFET
turns on and pulls the PGOOD pin low when the VFB volt-
age is not within ±10% of the 0.8V reference. The PGOOD
pin is also pulled low when the RUN pin is low (shut
down). When the VFB voltage is within the ±10% require-
ment, the MOSFET is turned off and the pin is allowed to
be pulled up by an external resistor to a source no greater
than 6V, such as INTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com