Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7802EUFDM-3.3 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC7802EUFDM-3.3
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM-3.3 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC7802EUFDM-3.3 Datasheet HTML 14Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 15Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 16Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 17Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 18Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 19Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 20Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 21Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC7802-3.3
18
Rev. 0
For more information www.analog.com
The maximum power loss in R1 is related to duty cycle and
occurs in continuous mode at the maximum input voltage:
PLOSS R1=
(VIN(MAX) � VOUT) • VOUT
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing
or sense resistors. Light load power loss can be mod-
estly higher with a DCR network than with a sense resis-
tor, due to the extra switching losses incurred through
R1. However, DCR sensing eliminates a sense resistor,
reduces conduction losses and provides higher efficiency
at heavy loads. Peak efficiency is about the same with
either method.
Setting the Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing gate charge and transition losses, but requires
larger inductance values and/or more output capacitance
to maintain low output ripple voltage.
In higher voltage applications transition losses contrib-
ute more significantly to power loss, and a good balance
between size and efficiency is generally achieved with a
switching frequency between 300kHz and 900kHz. Lower
voltage applications benefit from lower switching losses
and can therefore more readily operate at higher switch-
ing frequencies up to 3MHz if desired. The switching fre-
quency is set using the FREQ and PLLIN/SPREAD pins
as shown in Table 1
Table 1.
FREQ PIN
PLLIN/SPREAD PIN
FREQUENCY
0V
0V
350kHz
INTVCC
0V
2.25MHz
Resistor to GND
0V
100kHz to 3MHz
Any of the Above
External Clock 100kHz
to 3MHz
Phase-Locked to
External lock
Any of the Above
INTVCC
Spread Spectrum
Modulated
Tying the FREQ pin to ground selects 350kHz while tying
FREQ to INTVCC selects 2.25MHz. Placing a resistor
between FREQ and ground allows the frequency to be pro-
grammed anywhere between 100kHz and 3MHz. Choose a
FREQ pin resistor from Figure 3 or the following equation:
R
(in k)
FREQ
=
37MHz
fOSC
APPLICATIONS INFORMATION
Figure 3. Relationship Between Oscillator Frequency and
Resistor Value at the FREQ Pin
FREQ PIN RESISTOR (Ohms)
10k
100k
500k
100k
1M
10M
780233 F03b
To improve electromagnetic interference (EMI) perfor-
mance, spread spectrum mode can optionally be selected
by tying the PLLIN/SPREAD pin to INTVCC. When spread
spectrum is enabled, the switching frequency modulates
within −12% to +15% of the frequency selected by the
FREQ pin. Spread spectrum may be used in any operat-
ing mode selected by the MODE pin (Burst Mode, pulse-
skipping, or forced continuous mode).
A phase-locked loop (PLL) is also available on the
LTC7802-3.3 to synchronize the internal oscillator to an
external clock source connected to the PLLIN/SPREAD
pin. After the PLL locks, TG1 is synchronized to the ris-
ing edge of the external clock signal, and TG2 is 180°
out of phase from TG1. See the Phase-Locked Loop and
Frequency Synchronization section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com