Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7802EUFDM-3.3 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC7802EUFDM-3.3
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM-3.3 Datasheet(HTML) 5 Page - Analog Devices

  LTC7802EUFDM-3.3 Datasheet HTML 1Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 2Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 3Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 4Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 5Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 6Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 7Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 8Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTC7802-3.3
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7802-3.3 is tested under pulsed load conditions such
that TJ ≈ TA. The LTC7802E-3.3 is guaranteed to meet specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC7802I-3.3 is guaranteed over the –40°C to 125°C operating junction
temperature range, and the LTC7802J-3.30/LTC7802H-3.3 are guaranteed
over the –40°C to 150°C operating junction temperature range. High
junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors. The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according
to the formula: TJ = TA + (PD • θJA), where θJA (in °C/W) is the package
thermal impedance.
Note 3: When SENSE1– ≥ 3.2V or EXTVCC ≥ 4.8V, VIN supply current
is transferred to these pins to reduce the total input supply quiescent
current. SENSE1– bias current is reflected to the channel 1 input supply by
the formula IVIN1 = ISENSE1– • VOUT1/(VIN1 • η), where η is the efficiency.
EXTVCC bias current is similarly reflected to the input supply when biased
by an output. Input supply current is minimized when EXTVCC is connected
to the lowest output-derived voltage greater than 4.8V.
Note 4: The LTC7802-3.3 is tested in a feedback loop that servos VITH1,2
to a specified voltage and measures the resultant VOUT1, VFB2.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current >40% of IL(MAX) (See Minimum On-Time
Considerations in the Applications Information section).
Note 8: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 9: Do not apply a voltage or current source to these pins. They must
be connected to capacitive loads only, otherwise permanent damage may
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com