Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7802EUFDM-3.3 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC7802EUFDM-3.3
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM-3.3 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC7802EUFDM-3.3 Datasheet HTML 6Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 7Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 8Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 9Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 10Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 11Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 12Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 13Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTC7802-3.3
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
with this control voltage. Place compensation compo-
nents between the ITH pins and ground.
VOUT1, VFB2 (Pins 28,9): Controller Feedback Inputs.
Connect VOUT1 directly to the channel 1 output voltage.
Connect an external resistor divider between the channel 2
output voltage and the VFB2 pin to set the regulated VOUT2
voltage. Tie VFB2 to INTVCC to configure the channels for a
2-phase 3.3V output, in which both channels share VOUT1,
ITH1, and TRACK/SS1.
GND (Exposed Pad Pin 29): Ground. Connects to the
sources of the bottom N-Channel MOSFETs and the (–)
terminal(s) of decoupling capacitors. The exposed pad
must be soldered to PCB ground for rated electrical and
thermal performance.
within ±10% of its regulation point, the corresponding
PGOOD pin is pulled low.
TRACK/SS1, TRACK/SS2 (Pins 26,11): External Tracking
and Soft-Start Input. The LTC7802-3.3 regulates the nega-
tive input of the Error Amplifier (EA–) voltage to the lesser
of 0.8V or the voltage on the TRACK/SS1,2 pin. Internal
12.5µA pull-up current sources are connected to these
pins. A capacitor to ground sets the start-up ramp time to
the final regulated output voltage. The ramp time is equal
to 0.65ms for every 10nF of capacitance. Alternatively,
a resistor divider on another voltage supply connected
to the TRACK/SS pins allows the LTC7802-3.3 output to
track the other supply during start-up.
ITH1, ITH2 (Pins 27,10): Error Amplifier Outputs and
Switching Regulator Compensation Points. Each associ-
ated channel’s current comparator trip point increases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com