Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7802EUFDM-3.3 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC7802EUFDM-3.3
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM-3.3 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC7802EUFDM-3.3 Datasheet HTML 13Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 14Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 15Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 16Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 17Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 18Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 19Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 20Page - Analog Devices LTC7802EUFDM-3.3 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LTC7802-3.3
17
Rev. 0
For more information www.analog.com
inductors. In a high current application requiring such
an inductor, power loss through a sense resistor would
cost several points of efficiency compared to inductor
DCR sensing.
If the external (R1||R2) • C1 time constant is chosen to be
exactly equal to the L/DCR time constant, the voltage drop
across the external capacitor is equal to the drop across
the inductor DCR multiplied by R2/(R1+R2). R2 scales the
voltage across the sense terminals for applications where
the DCR is greater than the target sense resistor value.
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature; consult
the manufacturers’ data sheets for detailed information.
Using the maximum inductor current (IL(MAX)) and ripple
current (ΔIL) from the Inductor Value Calculation sec-
tion, the target sense resistor value is calculated from the
nominal inductance, C1 value, and DCR:
RSENSE(EQUIV) ≤
VSENSE(MAX)
IL(MAX)+
� IL
2
To ensure that the application will deliver full load cur-
rent over the full operating temperature range, choose
the minimum value for VSENSE(MAX) in the Electrical
Characteristics table.
Next, determine the DCR of the inductor. When provided,
use the manufacturer’s maximum value, usually given at
20°C. Increase this value to account for the temperature
coefficient of copper resistance, which is approximately
0.4%/°C. A conservative value for TL(MAX) is 100°C. To
scale the maximum inductor DCR to the desired sense
resistor value, use the divider ratio:
RD =
RSENSE(EQUIV)
DCRMAX at TL(MAX)
C1 is usually selected to be in the range of 0.1μF to 0.47μF.
This forces R1||R2 to around 2k, reducing error that might
have been caused by the SENSE+ pin’s ≈1μA current.
The target equivalent resistance R1||R2 is calculated from
the nominal inductance, C1 value, and DCR:
R1 R2 =
L
(DCR at 20
°C) • C1
The sense resistor values are:
R1
=
R1 R2
RD
; R2
=
R1• RD
1
� RD
APPLICATIONS INFORMATION
Figure 2. Current Sensing Methods
(2a) Using a Resistor to Sense Current
(2b) Using the Inductor DCR to Sense Current
CF
RF
L
RSENSE ESL
LTC7802-3.3
SW
BG
BOOST
TG
SENSE1,2+
SENSE1,2–
VOUT1,2
VIN1,2
PLACE RF AND CF NEAR SENSE PINS
SENSE RESISTOR
WITH PARASITIC
INDUCTANCE
RF*CF = ESL/RSENSE
POLE-ZERO
CANCELLATION
780233 F02a
780233 F02b
LTC7802-3.3
BOOST
TG
SW
BG
SENSE1, 2+
SENSE1, 2–
GND
VIN1,2
VOUT1,2
C1*
R2
*PLACE C1 NEAR SENSE PINS
RSENSE(EQ) = DCR(R2/(R1+R2))
L
DCR
INDUCTOR
R1
(R1||R2) • C1 = L/DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com