Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AVT1AB Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SCIMX6DP4AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 18Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 19Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 20Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 21Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 22Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 23Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 24Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 25Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
22
NXP Semiconductors
Electrical Characteristics
4.1.2
Thermal Resistance
NOTE
Per JEDEC JESD51-2, the intent of thermal resistance measurements is
solely for a thermal performance comparison of one package to another in a
standardized environment. This methodology is not meant to and will not
predict the performance of a package in an application-specific
environment.
4.1.2.1
FCPBGA Package Thermal Resistance
Table 5 provides the FCPBGA package thermal resistance data for the lidded package type.
Table 5. FCPBGA Package Thermal Resistance Data (Lidded)
Thermal Parameter
Test Conditions
Symbol
Value
Unit
Junction to Ambient1
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
Single-layer board (1s); natural convection2
2 Per JEDEC JESD51-3 with the single layer board horizontal. Thermal test board meets JEDEC specification for the specified
package.
RθJA
24
°C/W
Four-layer board (2s2p); natural convection2
RθJA
15
°C/W
Junction to Ambient1
Single-layer board (1s); air flow 200 ft/min3
3 Per JEDEC JESD51-6 with the board horizontal.
RθJMA
17
°C/W
Four-layer board (2s2p); air flow 200 ft/min4
RθJMA
12
°C/W
Junction to Board1,4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
—RθJB
5
°C/W
Junction to Case (top)1,5
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1). The cold plate temperature is used for the case temperature. Reported value includes the thermal resistance of the
interface layer.
—RθJCtop
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com