Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AVT1AB Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SCIMX6DP4AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 32Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 33Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 34Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 35Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 36Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 37Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 38Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
36
NXP Semiconductors
Electrical Characteristics
For information on external capacitor requirements for this regulator, see the Hardware Development
Guide for i.MX 6Quad, 6Dual, 6DualLite, 6Solo Families of Applications Processors
(IMX6DQ6SDLHDG).
For additional information, see the i.MX 6DualPlus/6QuadPlus reference manual (IMX6DQPRM).
4.4
PLL Electrical Characteristics
4.4.1
Audio/Video PLL Electrical Parameters
4.4.2
528 MHz PLL
4.4.3
Ethernet PLL
Table 14. Audio/Video PLL Electrical Parameters
Parameter
Value
Clock output range
650 MHz ~1.3 GHz
Reference clock
24 MHz
Lock time
<11250 reference cycles
Table 15. 528 MHz PLL Electrical Parameters
Parameter
Value
Clock output range
528 MHz PLL output
Reference clock
24 MHz
Lock time
<11250 reference cycles
Table 16. Ethernet PLL Electrical Parameters
Parameter
Value
Clock output range
500 MHz
Reference clock
24 MHz
Lock time
<11250 reference cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com