Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AVT1AB Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SCIMX6DP4AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 48Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 49Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 50Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 51Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 52Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 53Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 54Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 55Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
52
NXP Semiconductors
Electrical Characteristics
4.8.2
DDR I/O Output Buffer Impedance
For details on supported DDR memory configurations, see Section 4.10.2, “MMDC Supported
DDR3/DDR3L/LPDDR2 Configurations.”
Table 36 shows DDR I/O output buffer impedance of i.MX 6DualPlus/6QuadPlus processors.
Note:
1. Output driver impedance is controlled across PVTs using ZQ calibration procedure.
2. Calibration is done against 240 W external reference resistor.
3. Output driver impedance deviation (calibration accuracy) is ±5% (max/min impedance) across PVTs.
4.8.3
LVDS I/O Output Buffer Impedance
The LVDS interface complies with TIA/EIA 644-A standard. See, TIA/EIA STANDARD 644-A,
“Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits” for details.
4.8.4
MLB 6-Pin I/O Differential Output Impedance
Table 37 shows MLB 6-pin I/O differential output impedance of i.MX 6DualPlus/6QuadPlus processors.
Table 36. DDR I/O Output Buffer Impedance
Parameter
Symbol
Test Conditions
Typical
Unit
NVCC_DRAM=1.5 V
(DDR3)
DDR_SEL=11
NVCC_DRAM=1.2 V
(LPDDR2)
DDR_SEL=10
Output Driver
Impedance
Rdrv
Drive Strength (DSE) =
000
001
010
011
100
101
110
111
Hi-Z
240
120
80
60
48
40
34
Hi-Z
240
120
80
60
48
40
34
Ω
Table 37. MLB 6-Pin I/O Differential Output Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Differential Output Impedance
ZO
—1.6
—
—
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com