Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AVT1AB Datasheet(PDF) 96 Page - NXP Semiconductors

Part # SCIMX6DP4AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 92Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 93Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 94Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 95Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 97Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 98Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 99Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
96
NXP Semiconductors
Electrical Characteristics
4.12.10.2 Sensor Interface Timings
There are three camera timing modes supported by the IPU.
4.12.10.2.1 BT.656 and BT.1120 Video Mode
Smart camera sensors, which include imaging processing, usually support video mode transfer. They use
an embedded timing syntax to replace the IPU2_CSIx_VSYNC and IPU2_CSIx_HSYNC signals. The
timing syntax is defined by the BT.656/BT.1120 standards.
This operation mode follows the recommendations of ITU BT.656/ ITU BT.1120 specifications. The only
control signal used is IPU2_CSIx_PIX_CLK. Start-of-frame and active-line signals are embedded in the
data stream. An active line starts with a SAV code and ends with a EAV code. In some cases, digital
blanking is inserted in between EAV and SAV code. The CSI decodes and filters out the timing-coding
from the data stream, thus recovering IPU2_CSIx_VSYNC and IPU2_CSIx_HSYNC signals for internal
use. On BT.656 one component per cycle is received over the IPU2_CSIx_DATA_EN bus. On BT.1120
two components per cycle are received over the IPU2_CSIx_DATA_EN bus.
4.12.10.2.2 Gated Clock Mode
The IPU2_CSIx_VSYNC, IPU2_CSIx_HSYNC, and IPU2_CSIx_PIX_CLK signals are used in this
mode. See Figure 59.
Figure 59. Gated Clock Mode Timing Diagram
A frame starts with a rising edge on IPU2_CSIx_VSYNC (all the timings correspond to straight polarity
of the corresponding signals). Then IPU2_CSIx_HSYNC goes to high and hold for the entire line. Pixel
clock is valid as long as IPU2_CSIx_HSYNC is high. Data is latched at the rising edge of the valid pixel
clocks. IPU2_CSIx_HSYNC goes to low at the end of line. Pixel clocks then become invalid and the CSI
2 The MSB bits are duplicated on LSB bits implementing color extension.
3 The two MSB bits are duplicated on LSB bits implementing color extension.
4 YCbCr, 8 bits—Supported within the BT.656 protocol (sync embedded within the data stream).
5 RGB, 16 bits—Supported in two ways: (1) As a “generic data” input—with no on-the-fly processing; (2) With on-the-fly
processing, but only under some restrictions on the control protocol.
6 YCbCr, 16 bits—Supported as a “generic-data” input—with no on-the-fly processing.
7 YCbCr, 16 bits—Supported as a sub-case of the YCbCr, 20 bits, under the same conditions (BT.1120 protocol).
8 YCbCr, 20 bits—Supported only within the BT.1120 protocol (syncs embedded within the data stream).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com