Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AVT1AB Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SCIMX6DP4AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 46Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 47Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 48Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
45
4.7.1
General Purpose I/O AC Parameters
The I/O AC parameters for GPIO in slow and fast modes are presented in the Table 28 and Table 29,
respectively. Note that the fast or slow I/O behavior is determined by the appropriate control bits in the
IOMUXC control registers.
Table 28. General Purpose I/O AC Parameters 1.8 V Mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times, rise/fall
(Max Drive, DSE=111)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
2.72/2.79
1.51/1.54
ns
Output Pad Transition Times, rise/fall
(High Drive, DSE=101)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.20/3.36
1.96/2.07
Output Pad Transition Times, rise/fall
(Medium Drive, DSE=100)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.64/3.88
2.27/2.53
Output Pad Transition Times, rise/fall
(Low Drive. DSE=011)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
4.32/4.50
3.16/3.17
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns
Table 29. General Purpose I/O AC Parameters 3.3 V Mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times, rise/fall
(Max Drive, DSE=101)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
1.70/1.79
1.06/1.15
ns
Output Pad Transition Times, rise/fall
(High Drive, DSE=011)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
2.35/2.43
1.74/1.77
Output Pad Transition Times, rise/fall
(Medium Drive, DSE=010)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.13/3.29
2.46/2.60
Output Pad Transition Times, rise/fall
(Low Drive. DSE=001)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
5.14/5.57
4.77/5.15
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com