Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP4AVT1AB Datasheet(PDF) 94 Page - NXP Semiconductors

Part # SCIMX6DP4AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 90Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 91Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 92Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 93Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 94Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 95Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 97Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
94
NXP Semiconductors
Electrical Characteristics
4.12.10 Image Processing Unit (IPU) Module Parameters
The purpose of the IPU is to provide comprehensive support for the flow of data from an image sensor
and/or to a display device. This support covers all aspects of these activities:
•
Connectivity to relevant devices—cameras, displays, graphics accelerators, and TV encoders.
•
Related image processing and manipulation: sensor image signal processing, display processing,
image conversions, and other related functions.
•
Synchronization and control capabilities, such as avoidance of tearing artifacts.
IC9
Bus free time between a STOP and START condition
4.7
—
1.3
—
µs
IC10
Rise time of both I2Cx_SDA and I2Cx_SCL signals
—
1000
20 + 0.1Cb
4
300
ns
IC11
Fall time of both I2Cx_SDA and I2Cx_SCL signals
—
300
20 + 0.1Cb
4
300
ns
IC12
Capacitive load for each bus line (Cb)
—
400
—
400
pF
1 A device must internally provide a hold time of at least 300 ns for I2Cx_SDA signal to bridge the undefined region of the falling
edge of I2Cx_SCL.
2 The maximum hold time has only to be met if the device does not stretch the LOW period (ID no IC5) of the I2Cx_SCL signal.
3 A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement of Set-up time (ID No IC7)
of 250 ns must be met. This automatically is the case if the device does not stretch the LOW period of the I2Cx_SCL signal.
If such a device does stretch the LOW period of the I2Cx_SCL signal, it must output the next data bit to the I2Cx_SDA line
max_rise_time (IC9) + data_setup_time (IC7) = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus specification)
before the I2Cx_SCL line is released.
4 C
b = total capacitance of one bus line in pF.
Table 61. I2C Module Timing Parameters (continued)
ID
Parameter
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com