| Electronic Components Datasheet Search |
|
MPC8533EVJALGA Datasheet(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8533EVJALGA Datasheet(HTML) 58 Page - NXP Semiconductors |
|
58 / 112 page ![]() MPC8533E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8 58 Freescale Semiconductor High-Speed Serial Interfaces (HSSI) Figure 38 shows the PCI input AC timing conditions. Figure 38. PCI Input AC Timing Measurement Conditions Figure 39 shows the PCI output AC timing conditions. Figure 39. PCI Output AC Timing Measurement Condition 16 High-Speed Serial Interfaces (HSSI) The MPC8533E features two serializer/deserializer (SerDes) interfaces to be used for high-speed serial interconnect applications.Both SerDes1 and SerDes2 can be used for PCI Express data transfers application.This section describes the common portion of SerDes DC electrical specifications, which is the DC requirement for SerDes Reference Clocks. The SerDes data lane’s transmitter and receiver reference circuits are also shown. 16.1 Signal Terms Definition The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms used in the description and specification of differential signals. Figure 40 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for description. The figure shows waveform for either a transmitter output (SDn_TX and SDn_TX) or a receiver input (SDn_RX and SDn_RX). Each signal swings between A Volts and B Volts where A > B. tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |