| Electronic Components Datasheet Search |
|
MPC8533EVJALGA Datasheet(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8533EVJALGA Datasheet(HTML) 100 Page - NXP Semiconductors |
|
100 / 112 page ![]() MPC8533E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8 100 Freescale Semiconductor System Design Information where: Ifw = Forward current Is = Saturation current Vd = Voltage at diode Vf = Voltage forward biased VH = Diode voltage while IH is flowing VL = Diode voltage while IL is flowing IH = Larger diode bias current IL = Smaller diode bias current q = Charge of electron (1.6 × 10 –19 C) n = Ideality factor (normally 1.0) K = Boltzman’s constant (1.38 × 10–23 Joules/K) T = Temperature (Kelvins) The ratio of IH to IL is usually selected to be 10:1. The above simplifies to the following: VH – VL = 1.986 × 10–4 × nT Solving for T, the equation becomes: 21 System Design Information This section provides electrical and thermal design recommendations for successful application of the MPC8533E. 21.1 System Clocking This device includes six PLLs: • The platform PLL generates the platform clock from the externally supplied SYSCLK input. The frequency ratio between the platform and SYSCLK is selected using the platform PLL ratio configuration bits as described in Section 19.2, “CCB/SYSCLK PLL Ratio.” • The e500 core PLL generates the core clock as a slave to the platform clock. The frequency ratio between the e500 core clock and the platform clock is selected using the e500 PLL ratio configuration bits as described in Section 19.3, “e500 Core PLL Ratio.” • The PCI PLL generates the clocking for the PCI bus. • The local bus PLL generates the clock for the local bus. • There are two PLLs for the SerDes block. VH – VL 1.986 × 10–4 nT = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |