Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDBA164B2PR Datasheet(PDF) 55 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 55 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 51Page - Micron Technology EDBA164B2PR Datasheet HTML 52Page - Micron Technology EDBA164B2PR Datasheet HTML 53Page - Micron Technology EDBA164B2PR Datasheet HTML 54Page - Micron Technology EDBA164B2PR Datasheet HTML 55Page - Micron Technology EDBA164B2PR Datasheet HTML 56Page - Micron Technology EDBA164B2PR Datasheet HTML 57Page - Micron Technology EDBA164B2PR Datasheet HTML 58Page - Micron Technology EDBA164B2PR Datasheet HTML 59Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 152 page
background image
WRITEs Interrupted by a WRITE
A burst WRITE can only be interrupted by another WRITE with a 4-bit burst boundary,
provided that tCCD (MIN) is met.
A WRITE burst interrupt can occur on even clock cycles after the initial WRITE com-
mand, provided that tCCD (MIN) is met.
Figure 31: WRITE Burst Interrupt Timing – WL = 1, BL = 8, tCCD = 2
Bank m
col addr a
Col addr a
WRITE
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK#
CK
CA[9:0]
CMD
DQS#
DQS
DQ
WL = 1
Transitioning data
WRITE
NOP
NOP
NOP
tCCD = 2
NOP
D
IN B0
D
IN B1
D
IN B2
D
IN B3
D
IN B4
D
IN B5
D
IN B6
D
IN B7
D
IN A0
D
IN A1
D
IN A2
D
IN A3
NOP
NOP
Bank n
col addr b
Col addr b
Notes:
1. WRITEs can only be interrupted by other WRITEs or the BST command.
2. The effective burst length of the first WRITE equals two times the number of clock cycles
between the first WRITE and the interrupting WRITE.
BURST TERMINATE Command
The BURST TERMINATE (BST) command is initiated with CS_n LOW, CA0 HIGH, CA1
HIGH, CA2 LOW, and CA3 LOW at the rising edge of the clock. A BST command can be
issued only to terminate an active READ or WRITE burst. Therefore, a BST command
can be issued only up to and including BL/2 - 1 clock cycles after a READ or WRITE
command. The effective burst length of a READ or WRITE command truncated by a
BST command is as follows:
• Effective burst length = 2 × (number of clock cycles from the READ or WRITE com-
mand to the BST command).
• If a READ or WRITE burst is truncated with a BST command, the effective burst length
of the truncated burst should be used for BL when calculating the minimum READ-
to-WRITE or WRITE-to-READ delay.
• The BST command only affects the most recent READ or WRITE command. The BST
command truncates an ongoing READ burst RL × tCK + tDQSCK + tDQSQ after the ris-
ing edge of the clock where the BST command is issued. The BST command truncates
an ongoing WRITE burst WL × tCK + tDQSS after the rising edge of the clock where the
BST command is issued.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
BURST TERMINATE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
55
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com