Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDBA164B2PR Datasheet(PDF) 36 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 36 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 32Page - Micron Technology EDBA164B2PR Datasheet HTML 33Page - Micron Technology EDBA164B2PR Datasheet HTML 34Page - Micron Technology EDBA164B2PR Datasheet HTML 35Page - Micron Technology EDBA164B2PR Datasheet HTML 36Page - Micron Technology EDBA164B2PR Datasheet HTML 37Page - Micron Technology EDBA164B2PR Datasheet HTML 38Page - Micron Technology EDBA164B2PR Datasheet HTML 39Page - Micron Technology EDBA164B2PR Datasheet HTML 40Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 152 page
background image
Table 20: MR2 Op-Code Bit Definitions
Feature
Type
OP
Definition
RL and WL
Write-only
OP[3:0]
0001b: RL3/WL1 (default)
0010b: RL4/WL2
0011b: RL5/WL2
0100b: RL6/WL3
0101b: RL7/WL4
0110b: RL8/WL4
All others: Reserved
Table 21: MR3 I/O Configuration 1 (MA[7:0] = 03h)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
RFU
DS
Table 22: MR3 Op-Code Bit Definitions
Feature
Type
OP
Definition
DS
Write-only
OP[3:0]
0000b: Reserved
0001b: 34.3 ohm typical
0010b: 40 ohm typical (default)
0011b: 48 ohm typical
0100b: 60 ohm typical
0101b: Reserved
0110b: 80 ohm typical
0111b: 120 ohm typical
All others: Reserved
Table 23: MR4 Device Temperature (MA[7:0] = 04h)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
TUF
RFU
SDRAM refresh rate
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Mode Register Definition
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
36
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com