Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDBA164B2PR Datasheet(PDF) 78 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 78 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 74Page - Micron Technology EDBA164B2PR Datasheet HTML 75Page - Micron Technology EDBA164B2PR Datasheet HTML 76Page - Micron Technology EDBA164B2PR Datasheet HTML 77Page - Micron Technology EDBA164B2PR Datasheet HTML 78Page - Micron Technology EDBA164B2PR Datasheet HTML 79Page - Micron Technology EDBA164B2PR Datasheet HTML 80Page - Micron Technology EDBA164B2PR Datasheet HTML 81Page - Micron Technology EDBA164B2PR Datasheet HTML 82Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 152 page
background image
Figure 51: Burst WRITE Followed by MRR – RL = 3, WL = 1, BL = 4
Bank n
col addr a
Col addr a
WRITE
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK_c
CA[9:0]
CMD
DQS_c
DQ
WL = 1
tWTR
Transitioning data
tMRR = 2
RL = 3
D
IN A0
D
IN A1
D
IN A2
D
IN A3
Valid
Register
B
Register
B
MRR1
NOP2
CK_t
DQS_t
Notes:
1. The minimum number of clock cycles from the burst WRITE command to the MRR com-
mand is [WL + 1 + BL/2 + RU(tWTR/tCK)].
2. Only the NOP command is supported during tMRR.
Temperature Sensor
The mobile LPDDR2 device features a temperature sensor whose status can be read
from MR4. This sensor can be used to determine an appropriate refresh rate, determine
whether AC timing derating is required in the extended temperature range, and/or
monitor the operating temperature. Either the temperature sensor or the device operat-
ing temperature can be used to determine whether operating temperature require-
ments are being met (see Operating Temperature Range table).
Temperature sensor data can be read from MR4 using the mode register read protocol.
Upon exiting self-refresh or power-down, the device temperature status bits will be no
older than tTSI.
When using the temperature sensor, the actual device case temperature may be higher
than the operating temperature specification that applies for the standard or extended
temperature ranges (see table noted above). For example, TCASE could be above 85˚C
when MR4[2:0] equals 011b.
To ensure proper operation using the temperature sensor, applications must accommo-
date the parameters in the temperature sensor definitions table.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
MODE REGISTER READ
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
78
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com