Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDBA164B2PR Datasheet(PDF) 62 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 62 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 58Page - Micron Technology EDBA164B2PR Datasheet HTML 59Page - Micron Technology EDBA164B2PR Datasheet HTML 60Page - Micron Technology EDBA164B2PR Datasheet HTML 61Page - Micron Technology EDBA164B2PR Datasheet HTML 62Page - Micron Technology EDBA164B2PR Datasheet HTML 63Page - Micron Technology EDBA164B2PR Datasheet HTML 64Page - Micron Technology EDBA164B2PR Datasheet HTML 65Page - Micron Technology EDBA164B2PR Datasheet HTML 66Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 152 page
background image
Following an auto precharge operation, an ACTIVATE command can be issued to the
same bank if the following two conditions are satisfied simultaneously:
• The RAS precharge time (tRP) has been satisfied from the clock at which the auto pre-
charge begins.
• The RAS cycle time (tRC) from the previous bank activation has been satisfied.
Figure 39: READ Burst with Auto Precharge – RL = 3, BL = 4, RU(tRTP(MIN)/tCK) = 2
Bankm
col addr a
Col addr a
READ w/AP
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK_c
CK_t
CA[9:0]
CMD
DQS_c
DQS_t
DQ
RL = 3
Transitioning data
NOP
NOP
NOP
ACTIVATE
tRTP
BL/2
NOP
D
OUTA0
D
OUTA1
D
OUTA2
D
OUTA3
NOP
NOP
Bankm
row addr
Row addr
≥tRPpb
WRITE Burst with Auto Precharge
If AP (CA0f ) is HIGH when a WRITE command is issued, the WRITE with auto precharge
function is engaged. The device starts an auto precharge at the clock rising edge tWR
cycles after the completion of the burst WRITE.
Following a WRITE with auto precharge, an ACTIVATE command can be issued to the
same bank if the following two conditions are met:
• The RAS precharge time (tRP) has been satisfied from the clock at which the auto pre-
charge begins.
• The RAS cycle time (tRC) from the previous bank activation has been satisfied.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
PRECHARGE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
62
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com