Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDBA164B2PR Datasheet(PDF) 30 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 30 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 26Page - Micron Technology EDBA164B2PR Datasheet HTML 27Page - Micron Technology EDBA164B2PR Datasheet HTML 28Page - Micron Technology EDBA164B2PR Datasheet HTML 29Page - Micron Technology EDBA164B2PR Datasheet HTML 30Page - Micron Technology EDBA164B2PR Datasheet HTML 31Page - Micron Technology EDBA164B2PR Datasheet HTML 32Page - Micron Technology EDBA164B2PR Datasheet HTML 33Page - Micron Technology EDBA164B2PR Datasheet HTML 34Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
Figure 12: Voltage Ramp and Initialization Sequence
Ta
Tb
Tc
Td
Te
Tf
Tg
RESET
MRR
ZQ_CAL
Valid
CK_c
tINIT0
tINIT1
tINIT3
tINIT4
tZQINIT
tINIT5
tISCKE
PD
tINIT2
CK_t
Supplies
CKE
CA
DQ
Note:
1. High-Z on the CA bus indicates valid NOP.
Table 10: Initialization Timing Parameters
Parameter
Value
Unit
Comment
Min
Max
tINIT0
–
20
ms
Maximum voltage ramp time
tINIT1
100
–
ns
Minimum CKE LOW time after completion of voltage ramp
tINIT2
5
–
tCK
Minimum stable clock before first CKE HIGH
tINIT3
200
–
μs
Minimum idle time after first CKE assertion
tINIT4
1
–
μs
Minimum idle time after RESET command
tINIT5
–
10
μs
Maximum duration of device auto initialization
tZQINIT
1
–
μs
ZQ initial calibration (S4 devices only)
tCKb
18
100
ns
Clock cycle time during boot
Note:
1. The tINIT0 maximum specification is not a tested limit and should be used as a general
guideline. For voltage ramp times exceeding tINIT0 MAX, contact the factory.
Initialization After RESET (Without Voltage Ramp)
If the RESET command is issued before or after the power-up initialization sequence,
the reinitialization procedure must begin at Td.
Power-Off Sequence
While powering off, CKE must be held LOW (≤0.2 × VDD2); all other inputs must be be-
tween VILmin and VIHmax. The device outputs remain at High-Z while CKE is held LOW.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Power-Off Sequence
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
30
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com