Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDBA164B2PR Datasheet(PDF) 69 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 69 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 65Page - Micron Technology EDBA164B2PR Datasheet HTML 66Page - Micron Technology EDBA164B2PR Datasheet HTML 67Page - Micron Technology EDBA164B2PR Datasheet HTML 68Page - Micron Technology EDBA164B2PR Datasheet HTML 69Page - Micron Technology EDBA164B2PR Datasheet HTML 70Page - Micron Technology EDBA164B2PR Datasheet HTML 71Page - Micron Technology EDBA164B2PR Datasheet HTML 72Page - Micron Technology EDBA164B2PR Datasheet HTML 73Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
Figure 42: Regular Distributed Refresh Pattern
0ms
32ms
64ms
96ms
tREFBW
tREFBW
tREFI
tREFI
Notes:
1. Compared to repetitive burst REFRESH with subsequent REFRESH pause.
2. As an example, in a 1Gb LPDDR2 device at TC ≤ 85˚C, the distributed refresh pattern has
one REFRESH command per 7.8
μs; the burst refresh pattern has one REFRESH command
per 0.52
μs, followed by ≈ 30ms without any REFRESH command.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
REFRESH Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
69
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com