Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC69302 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC69302
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69302 Datasheet(HTML) 2 Page - Microchip Technology

  MIC69302 Datasheet HTML 1Page - Microchip Technology MIC69302 Datasheet HTML 2Page - Microchip Technology MIC69302 Datasheet HTML 3Page - Microchip Technology MIC69302 Datasheet HTML 4Page - Microchip Technology MIC69302 Datasheet HTML 5Page - Microchip Technology MIC69302 Datasheet HTML 6Page - Microchip Technology MIC69302 Datasheet HTML 7Page - Microchip Technology MIC69302 Datasheet HTML 8Page - Microchip Technology MIC69302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MIC69301/2/3
DS20006625A-page 2
2021 Microchip Technology Inc. and its subsidiaries
Pin Configurations
5
ADJ
4
OUT
3
GND
2IN
1EN
MIC69301/2
5-Lead TO-263 (U)
Adjustable Voltage
MIC69301/2
5-Lead TO-263 (U)
Fixed Voltage with Flag
5
FLG
4
OUT
3
GND
2IN
1EN
MIC69301/2
5-Lead S-PAK (R)
Adjustable Voltage
MIC69301/2
5-Lead S-PAK (R)
Fixed Voltage with Flag
5 ADJ
4 OUT
3 GND
2IN
1EN
5 FLG
4 OUT
3 GND
2IN
1EN
MIC69301/3
8-Lead ePad SOIC (ME)
Adjustable Voltage
MIC69301/3
8-Lead ePad SOIC (ME)
Fixed Voltage with Flag
1
GND
EN
IN
IN
8 FLG
ADJ
OUT
OUT
7
6
5
2
3
4
EP
1
GND
EN
IN
IN
8 FLG
SNS
OUT
OUT
7
6
5
2
3
4
EP
MIC69303
12-Lead 4 mm x 4 mm DFN (ML)
Adjustable Voltage with Flag
1
GND
EN
IN
IN
8
FLG
ADJ
OUT
OUT
7
2
3
4
5
6
9
10
11
12
IN
NC
NC
NC
ePad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com